Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5565MZQ80R2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC5565MZQ80R2
Description  Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565MZQ80R2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC5565MZQ80R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5565MZQ80R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5565MZQ80R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5565MZQ80R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5565MZQ80R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5565MZQ80R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5565MZQ80R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5565MZQ80R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5565MZQ80R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Electrical Characteristics
MPC5565 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
7
The thermal performance of any component depends strongly on the power dissipation of surrounding
components. In addition, the ambient temperature varies widely within the application. For many natural
convection and especially closed box applications, the board temperature at the perimeter (edge) of the
package is approximately the same as the local air temperature near the device. Specifying the local
ambient conditions explicitly as the board temperature provides a more precise description of the local
ambient conditions that determine the temperature of the device.
At a known board temperature, the junction temperature is estimated using the following equation:
TJ = TB + (RθJB × PD)
where:
TJ = junction temperature (oC)
TB = board temperature at the package perimeter (oC/W)
RθJB = junction to board thermal resistance (oC/W) per JESD51-8
PD = power dissipation in the package (W)
When the heat loss from the package case to the air can be ignored, acceptable predictions of junction
temperature can be made. The application board should be similar to the thermal test condition, with the
component soldered to a board with internal planes.
Historically, the thermal resistance has frequently been expressed as the sum of a junction to case thermal
resistance and a case to ambient thermal resistance:
RθJA = RθJC + RθCA
where:
RθJA = junction to ambient thermal resistance (oC/W)
RθJC = junction to case thermal resistance (oC/W)
RθCA = case to ambient thermal resistance (oC/W)
RθJC is device related and cannot be influenced by the user. The user controls the thermal environment to
change the case to ambient thermal resistance, RθCA. For instance, the user can change the air flow around
the device, add a heat sink, change the mounting arrangement on printed circuit board, or change the
thermal dissipation on the printed circuit board surrounding the device. This description is most useful for
packages with heat sinks where some 90% of the heat flow is through the case to the heat sink to ambient.
For most packages, a better model is required.
A more accurate two-resistor thermal model can be constructed from the junction to board thermal
resistance and the junction to case thermal resistance. The junction to case covers the situation where a
heat sink will be used or where a substantial amount of heat is dissipated from the top of the package. The
junction to board thermal resistance describes the thermal performance when most of the heat is conducted
to the printed circuit board. This model can be used for either hand estimations or for a computational fluid
dynamics (CFD) thermal model.
To determine the junction temperature of the device in the application after prototypes are available, the
Thermal Characterization Parameter (
ΨJT) can be used to determine the junction temperature with a
measurement of the temperature at the top center of the package case using the following equation:
TJ = TT + (ΨJT × PD)


Similar Part No. - MPC5565MZQ80R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5565MZQ80R FREESCALE-MPC5565MZQ80R Datasheet
1,002Kb / 54P
   Microcontroller
More results

Similar Description - MPC5565MZQ80R2

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com