Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD50NH02L-1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD50NH02L-1
Description  N-channel 24V - 0.0085ohm - 50A - DPAK/IPAK STripFET TM III Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD50NH02L-1 Datasheet(HTML) 1 Page - STMicroelectronics

  STD50NH02L-1 Datasheet HTML 1Page - STMicroelectronics STD50NH02L-1 Datasheet HTML 2Page - STMicroelectronics STD50NH02L-1 Datasheet HTML 3Page - STMicroelectronics STD50NH02L-1 Datasheet HTML 4Page - STMicroelectronics STD50NH02L-1 Datasheet HTML 5Page - STMicroelectronics STD50NH02L-1 Datasheet HTML 6Page - STMicroelectronics STD50NH02L-1 Datasheet HTML 7Page - STMicroelectronics STD50NH02L-1 Datasheet HTML 8Page - STMicroelectronics STD50NH02L-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2006
Rev 7
1/16
16
STD50NH02L
STD50NH02L-1
N-channel 24V - 0.0085
Ω - 50A - DPAK/IPAK
STripFET™ III Power MOSFET
General features
Logic level device
RDS(ON) * Qg Industry’s benchmark
Conduction losses reduced
Switching losses reduced
Low threshold drive
Description
This device utilizes the latest advanced design
rules of ST’s proprietary STripFET™ technology.
This is suitable fot the most demanding DC-DC
converter application where high efficiency is to
be achieved.
Applications
Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STD50NH02L-1
24V
<0.0105
50A
STD50NH02L
24V
<0.0105
50A
DPAK
3
2
1
1
3
iPAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD50NH02L-1
D50NH02L
IPAK
Tube
STD50NH02LT4
D50NH02L
DPAK
Tape & reel


Similar Part No. - STD50NH02L-1

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD50NH02L-1 VBSEMI-STD50NH02L-1 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - STD50NH02L-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD38NH02L STMICROELECTRONICS-STD38NH02L_06 Datasheet
496Kb / 16P
   N-channel 24V - 0.011ohm - 38A - DPAK/IPAK STripFET TM III Power MOSFET
STD50NH02L STMICROELECTRONICS-STD50NH02L Datasheet
534Kb / 12P
   N-CHANNEL 24V - 0.0085 ohm - 50A DPAK/IPAK STripFET??III POWER MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
   N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
STD100NH02L STMICROELECTRONICS-STD100NH02L_06 Datasheet
475Kb / 16P
   N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
STD38NH02L STMICROELECTRONICS-STD38NH02L Datasheet
527Kb / 12P
   N-CHANNEL 24V - 0.011 ohm - 38A DPAK/IPAK STripFET??III POWER MOSFET
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
   N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
STD70N03L STMICROELECTRONICS-STD70N03L Datasheet
337Kb / 16P
   N-channel 30V - 0.0059ohm - 70A - DPAK / IPAK STripFET TM III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com