Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX712CSE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX712CSE
Description  NiCd/NiMH Battery Fast-Charge Controllers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX712CSE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX712CSE Datasheet HTML 5Page - Maxim Integrated Products MAX712CSE Datasheet HTML 6Page - Maxim Integrated Products MAX712CSE Datasheet HTML 7Page - Maxim Integrated Products MAX712CSE Datasheet HTML 8Page - Maxim Integrated Products MAX712CSE Datasheet HTML 9Page - Maxim Integrated Products MAX712CSE Datasheet HTML 10Page - Maxim Integrated Products MAX712CSE Datasheet HTML 11Page - Maxim Integrated Products MAX712CSE Datasheet HTML 12Page - Maxim Integrated Products MAX712CSE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
_______________________________________________________________________________________
9
The MAX712/MAX713 can be configured so that voltage
slope and/or battery temperature detects full charge.
Figure 4 shows a charging event in which a battery is
inserted into an already powered-up MAX712/MAX713.
During time 1, the charger’s output voltage is regulated
at the number of cells times VLIMIT. Upon insertion of
the battery (time 2), the MAX712/MAX713 detect cur-
rent flow into the battery and switch to fast-charge
state. Once full charge is detected, the device reverts
to trickle charge (time 3). If the battery is removed (time
4), the MAX712/MAX713 remain in trickle charge and
the output voltage is once again regulated as in time 1.
Powering the MAX712/MAX713
AC-to-DC wall-cube adapters typically consist of a trans-
former, a full-wave bridge rectifier, and a capacitor.
Figures 10–12 show the characteristics of three con-
sumer product wall cubes. All three exhibit substantial
120Hz output voltage ripple. When choosing an adapter
for use with the MAX712/MAX713, make sure the lowest
wall-cube voltage level during fast charge and full load is
at least 1.5V higher (2V for switch mode) than the maxi-
mum battery voltage while being fast charged. Typically,
the voltage on the battery pack is higher during a fast-
charge cycle than while in trickle charge or while supply-
ing a load. The voltage across some battery packs may
approach 1.9V/cell.
2N3904
D1
Q1
V+
DRV
DC IN
R1
R2
MAX712
MAX713
Figure 5. DRV Pin Cascode Connection (for high DC IN voltage
or to reduce MAX712/MAX713 power dissipation in linear mode)
1
x
UNDER_VOLTAGE
IIN
N_
_R
RE
EG
GU
UL
LA
AT
TIIO
ON
N
0
x
x
x
x
P
PO
OW
WE
ER
R_
_O
ON
N_
_R
RE
ES
SE
ET
T
x
1
0
0
x
x
1
0
0
1
0
0
1
0
1
0
1
0
0
1
0
0
1
x
x
1
x
x
1
0
1
0
Table 4. MAX712/MAX713 Charge-State Transition Table
x
C
CO
OL
LD
D
x
0
x
1
x
1
1
1
1
x
0
x
x
x
H
HO
OT
T
x
x
x
1
0
1
1
1
1
1
0
x
x
x
No change
RESULT*
Set trickle
No change
No change
Set fast
No change***
No change
No change
Set fast
Set fast
Set fast**
No change***
Trickle to fast transition inhibited
Trickle to fast transition inhibited
Set trickle
Set trickle
1
x
x
x
Set trickle
† Only two states exist: fast charge and trickle charge.
* Regardless of the status of the other logic lines, a timeout or a voltage-slope detection will set trickle charge.
** If the battery is cold at power-up, the first rising edge on COLD will trigger fast charge; however, a second rising edge will
have no effect.
*** Batteries that are too hot when inserted (or when circuit is powered up) will not enter fast charge until they cool and power is recycled.


Similar Part No. - MAX712CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX712CSE MAXIM-MAX712CSE Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
MAX712CSE MAXIM-MAX712CSE Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
More results

Similar Description - MAX712CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com