Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4061 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4061
Description  Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4061 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4061 Datasheet HTML 1Page - Maxim Integrated Products MAX4061 Datasheet HTML 2Page - Maxim Integrated Products MAX4061 Datasheet HTML 3Page - Maxim Integrated Products MAX4061 Datasheet HTML 4Page - Maxim Integrated Products MAX4061 Datasheet HTML 5Page - Maxim Integrated Products MAX4061 Datasheet HTML 6Page - Maxim Integrated Products MAX4061 Datasheet HTML 7Page - Maxim Integrated Products MAX4061 Datasheet HTML 8Page - Maxim Integrated Products MAX4061 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX4060/MAX4061/MAX4062 are differential-input
microphone preamplifiers optimized for notebook and
PDA audio systems. These devices feature adjustable
gain with excellent power-supply rejection and com-
mon-mode rejection ratios, making them ideal for low-
noise applications in portable audio systems.
The MAX4060/MAX4062 are capable of switching their
output between the differential input and a single-
ended auxiliary microphone amplifier input. In addition,
the MAX4060/MAX4062 have a low-noise microphone
bias generator. The differential gain of the
MAX4061/MAX4062 is set with a single resistor. The
MAX4060 has a fixed gain of 10V/V and is PC99/2001
compliant. The MAX4061 includes a complete shut-
down mode. In shutdown, the supply current is
reduced to 0.3µA and the current to the microphone
bias is cut off for ultimate power savings.
The MAX4060 operates from a 4.5V to 5.5V single sup-
ply and the MAX4061/MAX4062 operate from 2.4V to
5.5V. All devices are specified over the extended oper-
ating temperature range, -40°C to +85°C. The
MAX4060/MAX4061 are available in tiny 8-pin thin QFN
(3mm x 3mm x 0.8mm) and 8-pin µMAX® packages.
The MAX4062 is available in a 10-pin µMAX package.
Applications
Features
♦ 2.4V to 5.5V Single-Supply Operation
♦ Adjustable Gain or Fixed-Gain Options
♦ High PSRR (86dB at 1kHz)
♦ High CMRR (70dB at 1kHz)
♦ Low Input-Referred Noise
♦ Integrated Microphone Bias
♦ 750µA Supply Current
♦ 0.3µA Shutdown Current
♦ ±4kV ESD Protection (AUX_IN)
♦ Rail-to-Rail Outputs
♦ THD+N: 0.04% at 1kHz
♦ Available in Space-Saving Packages
8-Pin Thin QFN (MAX4060/MAX4061)
8-Pin µMAX (MAX4060/MAX4061)
10-Pin µMAX (MAX4062)
Differential Microphone Preamplifiers with
Internal Bias and Complete Shutdown
________________________________________________________________ Maxim Integrated Products
1
BIAS
BIAS
AUX_IN
8
IN-
IN+
6
5
4
VCC
2.4V TO 5.5V
MAX4060
INT/AUX 1
OUT 2
GND
7
BIAS
3
VBIAS
x10
BIAS
x10
Typical Operating Circuit
Ordering Information
19-2408; Rev 2; 5/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations and Selector Guide appear at end of
data sheet.
*EP = Exposed paddle.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
Notebook Audio
Systems
Tablet PCs
PDA Audio Systems
USB Audio Peripherals
AES-42-Compliant
Microphones
Signal Conditioning
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
MAX4060ETA
-40°C to +85°C
8 Thin QFN-EP*
ABY
MAX4060EUA
-40°C to +85°C
8 µMAX
MAX4061ETA
-40°C to +85°C
8 Thin QFN-EP*
ABZ
MAX4061EUA
-40°C to +85°C
8 µMAX
MAX4062EUB
-40°C to +85°C
10 µMAX


Similar Part No. - MAX4061

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4061 MAXIM-MAX4061 Datasheet
565Kb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4061ETA MAXIM-MAX4061ETA Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4061ETA MAXIM-MAX4061ETA Datasheet
565Kb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4061ETA++ MAXIM-MAX4061ETA+ Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4061EUA MAXIM-MAX4061EUA Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
More results

Similar Description - MAX4061

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060_11 Datasheet
565Kb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
MAX4063 MAXIM-MAX4063_11 Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4063ETE MAXIM-MAX4063ETE Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4465_V2 MAXIM-MAX4465_V2 Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
MAX4465 MAXIM-MAX4465 Datasheet
502Kb / 14P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
[Old version datasheet]   Microphone Bias and Microphone Amplifier
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com