Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7MDT10-EMU3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7MDT10-EMU3
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT10-EMU3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7MDT10-EMU3 Datasheet HTML 7Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 8Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 9Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 10Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 11Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 12Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 13Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 14Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 125 page
background image
ST7LITE0x, ST7LITESx
11/125
REGISTER AND MEMORY MAP (Cont’d)
Legend: x=undefined, R/W=read/write
Table 2. Hardware Register Map
Address
Block
Register
Label
Register Name
Reset
Status
Remarks
0000h
0001h
0002h
Port A
PADR
PADDR
PAOR
Port A Data Register
Port A Data Direction Register
Port A Option Register
00h1)
00h
40h
R/W
R/W
R/W
0003h
0004h
0005h
Port B
PBDR
PBDDR
PBOR
Port B Data Register
Port B Data Direction Register
Port B Option Register
E0h 1)
00h
00h
R/W
R/W
R/W2)
0006h to
000Ah
Reserved area (5 bytes)
000Bh
000Ch
LITE
TIMER
LTCSR
LTICR
Lite Timer Control/Status Register
Lite Timer Input Capture Register
xxh
xxh
R/W
Read Only
000Dh
000Eh
000Fh
0010h
0011h
0012h
0013h
AUTO-RELOAD
TIMER
ATCSR
CNTRH
CNTRL
ATRH
ATRL
PWMCR
PWM0CSR
Timer Control/Status Register
Counter Register High
Counter Register Low
Auto-Reload Register High
Auto-Reload Register Low
PWM Output Control Register
PWM 0 Control/Status Register
00h
00h
00h
00h
00h
00h
00h
R/W
Read Only
Read Only
R/W
R/W
R/W
R/W
0014h to
0016h
Reserved area (3 bytes)
0017h
0018h
AUTO-RELOAD
TIMER
DCR0H
DCR0L
PWM 0 Duty Cycle Register High
PWM 0 Duty Cycle Register Low
00h
00h
R/W
R/W
0019h to
002Eh
Reserved area (22 bytes)
0002Fh
FLASH
FCSR
Flash Control/Status Register
00h
R/W
00030h
EEPROM
EECSR
Data EEPROM Control/Status Register
00h
R/W
0031h
0032h
0033h
SPI
SPIDR
SPICR
SPICSR
SPI Data I/O Register
SPI Control Register
SPI Control/Status Register
xxh
0xh
00h
R/W
R/W
R/W
0034h
0035h
0036h
ADC
ADCCSR
ADCDR
ADCAMP
A/D Control Status Register
A/D Data Register
A/D Amplifier Control Register
00h
00h
00h
R/W
Read Only
R/W
0037h
ITC
EICR
External Interrupt Control Register
00h
R/W
0038h
0039h
CLOCKS
MCCSR
RCCR
Main Clock Control/Status Register
RC oscillator Control Register
00h
FFh
R/W
R/W
1


Similar Part No. - ST7MDT10-EMU3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7MDT10-EMU3 STMICROELECTRONICS-ST7MDT10-EMU3 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
More results

Similar Description - ST7MDT10-EMU3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7FLITE25F1B6 STMICROELECTRONICS-ST7FLITE25F1B6 Datasheet
1Mb / 166P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
June 2013 Rev 5
ST7LITE2 STMICROELECTRONICS-ST7LITE2_06 Datasheet
2Mb / 133P
   8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
ST7LITE0XY0 STMICROELECTRONICS-ST7LITE0XY0 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
December 2004 Rev. 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com