Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKTF102-08HJ Datasheet(PDF) 3 Page - International Rectifier

Part # IRKTF102-08HJ
Description  FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKTF102-08HJ Datasheet(HTML) 3 Page - International Rectifier

  IRKTF102-08HJ Datasheet HTML 1Page - International Rectifier IRKTF102-08HJ Datasheet HTML 2Page - International Rectifier IRKTF102-08HJ Datasheet HTML 3Page - International Rectifier IRKTF102-08HJ Datasheet HTML 4Page - International Rectifier IRKTF102-08HJ Datasheet HTML 5Page - International Rectifier IRKTF102-08HJ Datasheet HTML 6Page - International Rectifier IRKTF102-08HJ Datasheet HTML 7Page - International Rectifier IRKTF102-08HJ Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRK.F102.. Series
3
Bulletin I27097 rev. A 09/97
www.irf.com
T
J
Max. junction operating temperature range
- 40 to 125
°C
Tstg
Max. storage temperature range
- 40 to 150
RthJC
Max. thermal resistance, junction to
0.25
K/W
Per junction, DC operation
case
RthC-hs Max. thermal resistance, case to
0.035
K/W
Mounting surface flat and greased
heatsink
Per module
T
Mounting torque ± 10%
IAP to heatsink
4 - 6 (35 - 53)
Nm
busbar to IAP
4 - 6 (35 - 53)
(lb*in)
wt
Approximate weight
500 (17.8)
g (oz)
dv/dt
Maximum critical rate of rise of off-state
1000
V/µs
T
J
= 125°C., exponential to = 67% V
DRM
voltage
V
INS
RMS isolation voltage
3000
V
50 Hz, circuit to base, T
J = 25°C, t = 1 s
I
RRM
Maximum peak reverse and off-state
30
mA
T
J = 125°C, rated VDRM/VRRM applied
I
DRM
leakage current
Parameter
IRK.F102..
Units Conditions
Blocking
di/dt
Maximum non-repetitive rate of rise
800
A/µs
Gate drive 20V, 20
Ω, tr ≤ 1ms, V
D
= 80% V
DRM
T
J
= 25°C
t
rr
Maximum recovery time
2
µs
I
TM = 350A, di/dt = -25A/µs, VR = 50V, TJ = 25°C
t
q
Maximum turn-off time
K
J
I
TM = 350A, TJ = 125°C, di/dt = -25A/µs,
20
25
µs
V
R
= 50V, dv/dt = 400V/µs linear to 80% V
DRM
Parameter
IRK.F102..
Units Conditions
Switching
Parameter
IRK.F102..
Units Conditions
Triggering
P
GM
Maximum peak gate power
40
W
f = 50 Hz, d% = 50
P
G(AV)
Maximum peak average gate power
2
W
T
J = 125°C, f = 50Hz, d% = 50
I
GM
Maximum peak positive gate current
5
A
T
J = 125°C, tp < 5ms
- V
GM
Maximum peak negative gate voltage
5
V
I
GT
Max. DC gate current required to trigger
200
mA
T
J = 25°C, Vak
12V, Ra = 6
V
GT
DC gate voltage required to trigger
3
V
I
GD
DC gate current not to trigger
20
mA
T
J = 125°C, rated VDRM applied
V
GD
DC gate voltage not to trigger
0.25
V
Parameter
IRK.F102..
Units Conditions
Thermal and Mechanical Specifications
A mounting compound is recommended. The torque
should be rechecked after a period of 3 hours to allow
for the spread of the compound. Use of cable lugs is
not recommendd, busbars should be used and
restrained during tightening. Threads must be
lubricated with a compound


Similar Part No. - IRKTF102-08HJ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF102-08HJ IRF-IRKTF102-08HJ Datasheet
207Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKTF102-08HJN IRF-IRKTF102-08HJN Datasheet
207Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results

Similar Description - IRKTF102-08HJ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF112 IRF-IRKTF112 Datasheet
141Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKTF72 IRF-IRKTF72 Datasheet
193Kb / 8P
   FAST THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKTF82 IRF-IRKTF82 Datasheet
127Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRK.F102 IRF-IRK.F102 Datasheet
207Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Vishay Siliconix
VSKLF200-12HJ VISHAY-VSKLF200-12HJ Datasheet
1Mb / 12P
   Fast Thyristor/Diode and Thyristor
Revision: 19-Jul-10
logo
International Rectifier
IRKF132 IRF-IRKF132 Datasheet
139Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com