Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVL192 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVL192
Description  Silicon Epitaxial Planar Pin Diode for Wireless LAN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVL192 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVL192 Datasheet HTML 1Page - Renesas Technology Corp HVL192 Datasheet HTML 2Page - Renesas Technology Corp HVL192 Datasheet HTML 3Page - Renesas Technology Corp HVL192 Datasheet HTML 4Page - Renesas Technology Corp HVL192 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVL192
Rev.1.00 Nov 24, 2005 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
30
V
Forward current
IF
50
mA
Power dissipation
Pd
100
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
IR
100
nA
VR = 30 V
Forward voltage
VF
1.0
V
IF = 10 mA
Capacitance
C
0.30
pF
VR = 1 V, f = 1 MHz
Forward resistance
rf
3.2
IF = 10 mA, f = 100 MHz
Note
: For EFP package, the material of lead is exposed for cutting plane. There for, soldering nature of lead tip part is
considered as unquestioned. Please kindly consider soldering nature.


Similar Part No. - HVL192

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
HVL102-5A-001B1-A ROSENBERGER-HVL102-5A-001B1-A Datasheet
800Kb / 3P
   PIN HOUSING
HVL102-5A-001B1-B ROSENBERGER-HVL102-5A-001B1-B Datasheet
800Kb / 3P
   PIN HOUSING
HVL102-5A-001B1-C ROSENBERGER-HVL102-5A-001B1-C Datasheet
800Kb / 3P
   PIN HOUSING
HVL102-5A-001B1-D ROSENBERGER-HVL102-5A-001B1-D Datasheet
800Kb / 3P
   PIN HOUSING
HVL102-5A-001B1-Y ROSENBERGER-HVL102-5A-001B1-Y Datasheet
800Kb / 3P
   PIN HOUSING
More results

Similar Description - HVL192

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKP300KK RENESAS-RKP300KK Datasheet
83Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
RKP300KL RENESAS-RKP300KL Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
RKP300KJ RENESAS-RKP300KJ Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
RKP300KK RENESAS-RKP300KK_15 Datasheet
104Kb / 7P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
HVC190 RENESAS-HVC190_09 Datasheet
85Kb / 5P
   Silicon Epitaxial Planar PIN Diode for Attenuator
logo
Guangdong Kexin Industr...
HVU132 KEXIN-HVU132 Datasheet
31Kb / 1P
   Silicon Epitaxial Planar Pin Diode
logo
SEMTECH ELECTRONICS LTD...
1PS14SE SEMTECH_ELEC-1PS14SE Datasheet
283Kb / 2P
   Silicon Epitaxial Planar PIN Diode
1PS250 SEMTECH_ELEC-1PS250 Datasheet
303Kb / 2P
   Silicon Epitaxial Planar PIN Diode
logo
Guangdong Kexin Industr...
HVD142 KEXIN-HVD142 Datasheet
32Kb / 1P
   Silicon Epitaxial Planar Pin Diode
HVU133 KEXIN-HVU133 Datasheet
32Kb / 1P
   Silicon Epitaxial Planar Pin Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com