Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL357 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EL357
Description  Photocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL357 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EL357 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL357 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL357 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL357 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL357 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL357 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL357 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL357 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL357 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EVERLIGHT ELETCRONICS CO., LTD
Technical Data Sheet
Photocoupler
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 1 of 10
Device No:DPC-357-001
Prepared date:07-20-2005
Prepared by:Sam Cheng
EL357
Features:
Current transfer ratio
(CTR:MIN.50% at IF =5mA ,VCE =5V)
Isolation voltage between input and output
(E357: Viso=3750 Vrms )
Subminiature type
(The volume is small than that of conventional
DIP type by as far as 30%)
Mini-flat package
EL357:1-channel type
Pb free
The product itself will remain within RoHS compliant version.
Description
The EL357 contains a gallium arsenic infrared emitting diode optically
coupled to a phototransistor. It is packaged in a 4-pin SMD package
Applications
Hybrid substrates that require high density mounting
Programmable controllers
System appliances, measuring instruments
Telecommunication
Electric home appliances, such as fan heaters, etc.
Signal transmission between circuits of different potentials
and impedances
Device Selection Guide
Chip Material
Part No.
IR
PT
EL357
GaAs
Silicon


Similar Part No. - EL357

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL357 EVERLIGHT-EL357 Datasheet
321Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Guangdong Youtai Semico...
EL357 UMW-EL357 Datasheet
796Kb / 8P
   SOP4, DC Input Photo Transistor Coupler
EL357A UMW-EL357A Datasheet
796Kb / 8P
   SOP4, DC Input Photo Transistor Coupler
EL357C UMW-EL357C Datasheet
796Kb / 8P
   SOP4, DC Input Photo Transistor Coupler
logo
Everlight Electronics C...
EL357N EVERLIGHT-EL357N Datasheet
374Kb / 11P
   4 PIN ULTRA SMALL SOP
More results

Similar Description - EL357

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
   PHOTOCOUPLER
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
   PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
   PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
   PHOTOCOUPLER
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
   PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
   PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
   Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA313 LETEX-LA313 Datasheet
211Kb / 4P
   Photocoupler
LA211 LETEX-LA211 Datasheet
195Kb / 4P
   Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
   PHOTOCOUPLER
logo
List of Unclassifed Man...
LA212 ETC-LA212 Datasheet
199Kb / 3P
   Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com