Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFBM-CH120 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DFBM-CH120
Description  Bluetooth Module Class 2 Wireless communication module compliant with Bluetooth Specification V1.1.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DFBM-CH120 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DFBM-CH120 Datasheet HTML 1Page - Delta Electronics, Inc. DFBM-CH120 Datasheet HTML 2Page - Delta Electronics, Inc. DFBM-CH120 Datasheet HTML 3Page - Delta Electronics, Inc. DFBM-CH120 Datasheet HTML 4Page - Delta Electronics, Inc. DFBM-CH120 Datasheet HTML 5Page - Delta Electronics, Inc. DFBM-CH120 Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary
DFBM-CH1 20
Data Sheet
Jan 24, 2005
Proprietary Information and Specifications are Subject to Change
General Specification
Bluetooth Specification
Version 1.1
Frequency
2402~2480MHz
Modulation
FHSS/GFSK
Transmission Rate
721kbps
Receive Sensitivity
Typ. -78dBm
Maximum Output Power
+4dBm(Class 2)
Operating Voltage
2.2~3.6V
Operating Temperature
-40~+85℃
Antenna Impedance
50Ω
Package Size
10.5x10.5x2.0 mm


Similar Part No. - DFBM-CH120

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DFBM-CA120 DELTA-DFBM-CA120 Datasheet
80Kb / 7P
   Wireless communication module compliant with Bluetooth Specification V1.1.
DFBM-CA220 DELTA-DFBM-CA220 Datasheet
73Kb / 7P
   Bluetooth Module Class2
logo
List of Unclassifed Man...
DFBM-CF121 ETC-DFBM-CF121 Datasheet
216Kb / 9P
   Wireless communication module compliant with BluetoothTM Specification V1.1/1.2
DFBM-CF320 ETC2-DFBM-CF320 Datasheet
142Kb / 11P
   A Class 2 Bluetooth module compliant with Bluetooth Specification V2.0EDR for various application
DFBM-CM221 ETC1-DFBM-CM221 Datasheet
379Kb / 9P
   A Class 2 Bluetooth module suitable for MP3 applications.
More results

Similar Description - DFBM-CH120

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DFBM-CA120 DELTA-DFBM-CA120 Datasheet
80Kb / 7P
   Wireless communication module compliant with Bluetooth Specification V1.1.
DFBM-CR220 DELTA-DFBM-CR220 Datasheet
56Kb / 7P
   Bluetooth Module Class 2 Wireless communication module compliant with Bluetooth Specification V1.2
DLBM-CS222 DELTA-DLBM-CS222 Datasheet
82Kb / 9P
   Wireless communication module compliant with Bluetooth Specification V1.2.
DFBM-CR120 DELTA-DFBM-CR120 Datasheet
54Kb / 6P
   Wireless communication module compliant with Bluetooth Specification V1.2
DFBM-CS320 DELTA-DFBM-CS320 Datasheet
72Kb / 10P
   Wireless communication module compliant with Bluetooth TM Specification V2.0EDR
logo
List of Unclassifed Man...
DFBM-CF121 ETC-DFBM-CF121 Datasheet
216Kb / 9P
   Wireless communication module compliant with BluetoothTM Specification V1.1/1.2
DFBM-CF320 ETC2-DFBM-CF320 Datasheet
142Kb / 11P
   A Class 2 Bluetooth module compliant with Bluetooth Specification V2.0EDR for various application
logo
Delta Electronics, Inc.
DLBM-CF120 DELTA-DLBM-CF120 Datasheet
246Kb / 13P
   Bluetooth Module Class 2
logo
List of Unclassifed Man...
F2M03C2 ETC2-F2M03C2 Datasheet
765Kb / 46P
   Class 2 Bluetooth??Module
logo
Delta Electronics, Inc.
DLBM-CH122 DELTA-DLBM-CH122 Datasheet
166Kb / 13P
   Bluetooth Module Class 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com