Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75976A2DL Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75976A2DL
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75976A2DL Datasheet(HTML) 2 Page - Texas Instruments

  SN75976A2DL Datasheet HTML 1Page - Texas Instruments SN75976A2DL Datasheet HTML 2Page - Texas Instruments SN75976A2DL Datasheet HTML 3Page - Texas Instruments SN75976A2DL Datasheet HTML 4Page - Texas Instruments SN75976A2DL Datasheet HTML 5Page - Texas Instruments SN75976A2DL Datasheet HTML 6Page - Texas Instruments SN75976A2DL Datasheet HTML 7Page - Texas Instruments SN75976A2DL Datasheet HTML 8Page - Texas Instruments SN75976A2DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
SN75976A, SN55976A
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS218B – MAY 1995 – REVISED MAY 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
In addition to speed improvements, the ’976A can withstand electrostatic discharges exceeding 12 kV using
the human-body model, and 600 V using the machine model of MIL-PRF-38535, Method 3015.7 on the RS-485
I/O terminals. This is six times the industry standard and provides protection from the noise that can be coupled
into external cables. The other terminals of the device can withstand discharges exceeding 4 kV and 400 V
respectively.
Each of the nine channels of the ’976A typically meet or exceed the requirements of EIA RS-485 (1983) and
ISO 8482-1987/ TIA TR30.2 referenced by American National Standard of Information (ANSI) Systems,
X3.131-1994 (SCSI-2) standard, X2.277-1996 (Fast-20 Parallel Interface), and the Intelligent Peripheral
Interface Physical Layer-ANSI X3.129-1986 standard.
The SN75976A is characterized for operation over an ambient air temperature range of 0
°C to 70°C. The
SN55976A is characterized for operation over an ambient air temperature range of – 55
°C to 125°C.
AVAILABLE OPTIONS
TA
Skew Limit
(ns)
PACKAGE†
TA
Driver
Receiver
TSSOP
(DGG)
SSOP
(DL)
CERAMIC FLAT PACK
(WD)
0
°Cto70°C
8
9
SN75976A1DGG
SN75976A1DGGR
SN75976A1DL
SN75976A1DLR
0
°C to 70°C
4
5
SN75976A2DGG
SN75976A2DGGR
SN75976A2DL
SN75976A2DLR
55
°Cto125°C
8
9
SN55976A1WD
–55
°C to 125°C
4
5
SN55976A2WD
† The R suffix indicates taped and reeled packages.


Similar Part No. - SN75976A2DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75976A2DL TI-SN75976A2DL Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A2DL TI-SN75976A2DL Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A2DLG4 TI-SN75976A2DLG4 Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A2DLR TI-SN75976A2DLR Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A2DLR TI-SN75976A2DLR Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
More results

Similar Description - SN75976A2DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC978 TI-SN75LBC978 Datasheet
238Kb / 16P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_07 Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN55LBC976 TI1-SN55LBC976 Datasheet
462Kb / 25P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC976 TI1-SN75LBC976 Datasheet
392Kb / 24P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A-EP TI1-SN75976A-EP Datasheet
578Kb / 29P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC978 TI1-SN75LBC978_09 Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com