Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75976A2DL Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN75976A2DL
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75976A2DL Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75976A2DL Datasheet HTML 7Page - Texas Instruments SN75976A2DL Datasheet HTML 8Page - Texas Instruments SN75976A2DL Datasheet HTML 9Page - Texas Instruments SN75976A2DL Datasheet HTML 10Page - Texas Instruments SN75976A2DL Datasheet HTML 11Page - Texas Instruments SN75976A2DL Datasheet HTML 12Page - Texas Instruments SN75976A2DL Datasheet HTML 13Page - Texas Instruments SN75976A2DL Datasheet HTML 14Page - Texas Instruments SN75976A2DL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
SN75976A, SN55976A
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS218B – MAY 1995 – REVISED MAY 1997
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
IO
IO
VOD
VO
VO
B+
B–
A
II
15 pF
15 pF
75
165
375
375
S1
S2
165
SN75976A = 5 V
SN55976A = 4.5 V
AB
VI
Input
(see Note A)
† CDE0 and DE/RE are at 2 V, BSR is at 0.8 V and, for the SN75976A only, all others are open.
‡ For the SN75976A only, all nine drivers are enabled, similarly loaded, and switching.
Figure 1. Driver Test Circuit, Currents, and Voltages
1.5 V
1.5 V
90%
90%
10%
10%
0V
0V
tPLH
tPHL
3 V
0 V
VOD(H)
VOD(L)
S1 to A or B
Input
Output, VOD
tr
tf
Figure 2. Driver Delay and Transition Time Test Waveforms
Generator
(see Note A)
Generator
(see Note A)
50
50
VID
Input B –
IO
VO
† CDE0, CDE1, CDE2, BSR, CRE, and DE/RE at 0.8 V
CL = 15 pF
Output
Input B +
‡ For the SN75976A only, all nine receivers are enabled and switching.
Figure 3. Receiver Propagation Delay and Transition Time Test Circuit
NOTES: A. All input pulses are supplied by a generator having the following characteristics: tr ≤ 6 ns, tf ≤ 6 ns, PRR ≤ 1 MHz, duty cycle = 50%,
ZO = 50 Ω.
B. All resistances are in
Ω and ± 5%, unless otherwise indicated.
C. All capacitances are in pF and
± 10%, unless otherwise indicated.
D. All indicated voltages are
± 10 mV.


Similar Part No. - SN75976A2DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75976A2DL TI-SN75976A2DL Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A2DL TI-SN75976A2DL Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A2DLG4 TI-SN75976A2DLG4 Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A2DLR TI-SN75976A2DLR Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A2DLR TI-SN75976A2DLR Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
More results

Similar Description - SN75976A2DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC978 TI-SN75LBC978 Datasheet
238Kb / 16P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_07 Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN55LBC976 TI1-SN55LBC976 Datasheet
462Kb / 25P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC976 TI1-SN75LBC976 Datasheet
392Kb / 24P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A-EP TI1-SN75976A-EP Datasheet
578Kb / 29P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC978 TI1-SN75LBC978_09 Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com