Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC113-2A-P-C1-120DG-X Datasheet(PDF) 2 Page - Picker Components

Part # PC113-2A-P-C1-120DG-X
Description  PC113
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC113-2A-P-C1-120DG-X Datasheet(HTML) 2 Page - Picker Components

  PC113-2A-P-C1-120DG-X Datasheet HTML 1Page - Picker Components PC113-2A-P-C1-120DG-X Datasheet HTML 2Page - Picker Components PC113-2A-P-C1-120DG-X Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PC113
PC113
COIL DATA
Coil Voltage
Resistance
ohms
Must Operate
Voltage Max.
Must Release
Voltage Min.
Voltage
Type
DC
AC
Coil
Power
6
12
24
48
110
6
12
24
48
40
160
650
2560
13444
11.5
46.0
184
735
4550
14400
0.9 W
1.2 VA
4.8
9.6
19.2
38.4
88.0
38.4
96.0
176.0
0.6
1.2
2.4
4.8
3.6
7.2
36.0
66.0
PAGE 2
9.6
19.2
11.0
+ 10%
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
220 / 240
120
4.8
1.8
14.4
DC
AC
24
48
110
220
6
12
24
48
410
1700
8500
34571
6.70
24.0
100
410
2450
8600
1.4 W
2.0 VA
9.6
19.2
38.4
88.0
38.4
96.0
176.0
1.2
2.4
4.8
3.6
7.2
36.0
66.0
9.6
19.2
11.0
220 / 240
120
12
107
4.8
1.8
14.4
DC
AC
6
12
24
48
110
6
12
24
48
25
100
350
1600
6900
5.0
20
78
320
2200
6700
1.5 W
2.5 VA
4.8
9.6
19.2
38.4
88.0
38.4
96.0
176.0
0.6
1.2
2.4
4.8
3.6
7.2
36.0
66.0
9.6
19.2
11.0
220 / 240
120
4.8
1.8
14.4
1 and 2 Pole
3 Pole
4 Pole
220
53778
176.0
22.0
176.0
22.0
220
32267
176.0
22.0
4.8
0.6
6
25.7


Similar Part No. - PC113-2A-P-C1-120DG-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC113-2B-P-C1-120A-D-X PICKER-PC113-2B-P-C1-120A-D-X Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
PC113-2B-P-C1-120A-G-X PICKER-PC113-2B-P-C1-120A-G-X Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
PC113-2B-P-C1-120A-L-X PICKER-PC113-2B-P-C1-120A-L-X Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
PC113-2B-P-C1-120A-NIL-X PICKER-PC113-2B-P-C1-120A-NIL-X Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
PC113-2B-P-NIL-120A-D-X PICKER-PC113-2B-P-NIL-120A-D-X Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com