Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2712TB Datasheet(PDF) 4 Page - California Eastern Labs

Part # UPC2712TB
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC2712TB Datasheet(HTML) 4 Page - California Eastern Labs

  UPC2712TB Datasheet HTML 1Page - California Eastern Labs UPC2712TB Datasheet HTML 2Page - California Eastern Labs UPC2712TB Datasheet HTML 3Page - California Eastern Labs UPC2712TB Datasheet HTML 4Page - California Eastern Labs UPC2712TB Datasheet HTML 5Page - California Eastern Labs UPC2712TB Datasheet HTML 6Page - California Eastern Labs UPC2712TB Datasheet HTML 7Page - California Eastern Labs UPC2712TB Datasheet HTML 8Page - California Eastern Labs UPC2712TB Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Ratings
Unit
Supply Voltage
VCC
TA = +25
°C
6.0
V
Total Circuit Current
ICC
TA = +25
°C
25
mA
Power Dissipation
PD
TA = +85
°C
Note
270
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Input Power
Pin
TA = +25
°C
+10
dBm
Note Mounted on double-sided copper-clad 50
× 50 × 1.6 mm epoxy glass PWB
RECOMMENDED OPERATING RANGE
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Operating Ambient Temperature
TA
−40
+25
+85
°C
ELECTRICAL CHARACTERISTICS (TA = +25
°C, VCC = 5.0 V, ZS = ZL = 50 Ω)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No input signal
7.0
9.0
12.0
mA
Power Gain
GP
f = 1.0 GHz, Pin =
−30 dBm
19.0
21.5
24.0
dB
f = 2.2 GHz, Pin =
−30 dBm
18.5
21.5
24.5
Saturated Output Power
PO (sat)
f = 1.0 GHz, Pin =
−5 dBm
+1.5
+4.0
dBm
f = 2.2 GHz, Pin =
−5 dBm
−1.5
+1.5
PO (1 dB)
f = 1.0 GHz
−6.5
−3.5
dBm
Gain 1 dB Compression Output
Power
f = 2.2 GHz
−8.5
−5.5
Noise Figure
NF
f = 1.0 GHz
4.3
5.8
dB
f = 2.2 GHz
4.3
5.8
Upper Limit Operating Frequency
fu
3 dB down below flat gain at f = 0.1 GHz
2.8
3.2
GHz
Isolation
ISL
f = 1.0 GHz, Pin =
−30 dBm
35.0
40.0
dB
f = 2.2 GHz, Pin =
−30 dBm
37.0
42.0
Input Return Loss
RLin
f = 1.0 GHz, Pin =
−30 dBm
9.0
12.0
dB
f = 2.2 GHz, Pin =
−30 dBm
10.0
14.0
Output Return Loss
RLout
f = 1.0 GHz, Pin =
−30 dBm
11.0
17.0
dB
f = 2.2 GHz, Pin =
−30 dBm
8.0
12.0
Gain Flatness
GP
f = 0.1 to 2.2 GHz
±0.8
dB
Data Sheet PU10490EJ01V0DS
4
UPC3224TB


Similar Part No. - UPC2712TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2712TB NEC-UPC2712TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2712TB CEL-UPC2712TB Datasheet
334Kb / 10P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2712TB NEC-UPC2712TB Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
Renesas Technology Corp
UPC2712TB RENESAS-UPC2712TB Datasheet
334Kb / 21P
   3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER
logo
NEC
UPC2712TB-E3 NEC-UPC2712TB-E3 Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results

Similar Description - UPC2712TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com