Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC3224TB-E3 Datasheet(PDF) 3 Page - California Eastern Labs

Part # UPC3224TB-E3
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC3224TB-E3 Datasheet(HTML) 3 Page - California Eastern Labs

  UPC3224TB-E3 Datasheet HTML 1Page - California Eastern Labs UPC3224TB-E3 Datasheet HTML 2Page - California Eastern Labs UPC3224TB-E3 Datasheet HTML 3Page - California Eastern Labs UPC3224TB-E3 Datasheet HTML 4Page - California Eastern Labs UPC3224TB-E3 Datasheet HTML 5Page - California Eastern Labs UPC3224TB-E3 Datasheet HTML 6Page - California Eastern Labs UPC3224TB-E3 Datasheet HTML 7Page - California Eastern Labs UPC3224TB-E3 Datasheet HTML 8Page - California Eastern Labs UPC3224TB-E3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PIN EXPLANATIONS
PIN
No.
Pin Name
Applied
Voltage (V)
Pin Voltage
(V)
Note
Function and Applications
1
INPUT
0.91
Signal input pin.
A internal matching circuit, configured with resistors, enables 50
connection over a wide band.
A multi-feedback circuits is designed to cancel the deviations of hFE and
resistance.
This pin must be coupled to signal source with capacitor for DC cut.
4
OUTPUT
4.42
Signal output pin.
A internal matching circuit, configured with resistors, enables 50
connection over a wide band.
This pin must be coupled to next stage with capacitor for DC cut.
6
VCC
4.5 to 5.5
Power suplly pin.
This pin should be externally equipped with bypass capacitor to
minimize its impedance.
2
3
5
GND
0
Ground pin.
This pin should be connected to system ground with minimum
inductance. Ground pattern on the board should be formed as wide as
possible.
All the ground pins must be connected together with wide ground pattern
to decrease impedance difference.
Note Pin Voltage is measured at VCC = 5.0 V
Data Sheet PU10490EJ01V0DS
3
UPC3224TB


Similar Part No. - UPC3224TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3224TB-E3 NEC-UPC3224TB-E3 Datasheet
91Kb / 15P
   5 V, SILICON MMIC WIDEBAND AMPLIFIER
More results

Similar Description - UPC3224TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com