Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAS5104CB Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # MAS5104CB
Description  RADIATION HARD 4096 x 1 BIT STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MAS5104CB Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button MAS5104CB Datasheet HTML 4Page - Zarlink Semiconductor Inc MAS5104CB Datasheet HTML 5Page - Zarlink Semiconductor Inc MAS5104CB Datasheet HTML 6Page - Zarlink Semiconductor Inc MAS5104CB Datasheet HTML 7Page - Zarlink Semiconductor Inc MAS5104CB Datasheet HTML 8Page - Zarlink Semiconductor Inc MAS5104CB Datasheet HTML 9Page - Zarlink Semiconductor Inc MAS5104CB Datasheet HTML 10Page - Zarlink Semiconductor Inc MAS5104CB Datasheet HTML 11Page - Zarlink Semiconductor Inc MAS5104CB Datasheet HTML 12Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MA5104
8
Figure 14: 24-Lead Ceramic Flatpack (Solder Seal) - Package Style F
1NC
2A0
3A1
4A2
5A3
6A4
7A5
8 Dout
9NC
10 WE
11 Vss
12 NC
24
Vdd
23
A6
22
A7
21
A8
20
NC
19
NC
18
A9
17
A10
16
A11
15
Din
14
NC
13
CS
Bottom
View
Ref
Inches
Min.
Nom.
Max.
A
-
-
0.105
A1
0.026
-
-
b
0.015
-
0.019
c
0.003
-
0.006
D
0.590
-
0.610
e
-
0.050
-
L
0.265
-
0.305
M
0.395
-
0.405
Me
0.30
-
-
Z
0.005
-
0.045
XG537
M
b
e
D
L
A
A1
c
Pin 1
Z
M
E


Similar Part No. - MAS5104CB

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
   absolute encoder
logo
Micro Analog systems
MAS1016 MAS-MAS1016 Datasheet
109Kb / 6P
   AM Receiver IC
MAS1016ATB1 MAS-MAS1016ATB1 Datasheet
109Kb / 6P
   AM Receiver IC
MAS1016ATC1 MAS-MAS1016ATC1 Datasheet
109Kb / 6P
   AM Receiver IC
MAS1016B MAS-MAS1016B Datasheet
203Kb / 10P
   AM Receiver IC
More results

Similar Description - MAS5104CB

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA9264 DYNEX-MA9264 Datasheet
240Kb / 15P
   Radiation Hard 8192x8 Bit Static RAM
MA5114 DYNEX-MA5114 Datasheet
115Kb / 12P
   Radiation hard 1024x4 Bit Static RAM
logo
Intel Corporation
M2147H INTEL-M2147H Datasheet
274Kb / 5P
   HIGH SPEED 4096 x 1-BIT STATIC RAM
logo
List of Unclassifed Man...
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
   4096 X 1 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM6147H HITACHI-HM6147H Datasheet
354Kb / 7P
   4096-word x 1-bit High Speed CMOS Static RAM
logo
List of Unclassifed Man...
HM6268 ETC2-HM6268 Datasheet
60Kb / 9P
   4096-word X 4-bit High-Speed CMOS Static RAM
logo
Intersil Corporation
HM-6504 INTERSIL-HM-6504 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
logo
List of Unclassifed Man...
PDM41028 ETC1-PDM41028 Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com