Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OHS3140U Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OHS3140U
Description  Hallogic Hall-effect Sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OHS3140U Datasheet(HTML) 3 Page - OPTEK Technologies

  OHS3140U Datasheet HTML 1Page - OPTEK Technologies OHS3140U Datasheet HTML 2Page - OPTEK Technologies OHS3140U Datasheet HTML 3Page - OPTEK Technologies OHS3140U Datasheet HTML 4Page - OPTEK Technologies OHS3140U Datasheet HTML 5Page - OPTEK Technologies OHS3140U Datasheet HTML 6Page - OPTEK Technologies OHS3140U Datasheet HTML 7Page - OPTEK Technologies OHS3140U Datasheet HTML 8Page - OPTEK Technologies OHS3140U Datasheet HTML 9Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Hallogic Hall-effect Sensors
OH090U, OH180U, OH360U
OHN3000 Series, OHS3000 Series
OHN3100 Series, OHS3100 Series
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.1
06/05
Page 3 of 9
Electrical Characteristics (Vcc = 4.5 V to 24 V, TA = 25° C unless otherwise noted)
OH360U
Uni-Polar
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
BOP
Magnetic Operate Point(1)
235
300
465
Gauss
BRP
Magnetic Release Point
120
235
325
Gauss
BH
Magnetic Hysteresis
30
65
200
Gauss
Icc
Supply Current
-
6
9
mA
Vcc = 24 V, Output Off
VOL
Output Saturation Voltage
-
100
300
mV
Vcc = 4.5 V, IOL = 20 mA, B ≥ 465 Gauss
IOH
Output Leakage Current
-
0.1
10.0
µA
Vcc = 24 V, VOUT = 24 V, B ≤ 120 Gauss
tr
Output Rise Time
-
0.21
1.00
µs
RL = 820 Ω, CL = 20 pF, Vcc = 14 V
tf
Output Fall Time
-
0.10
1.00
µs
OHN3013U, OHN3113U
Uni-Polar
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
BOP
Magnetic Operate
OHN3013
Point(1)
OHN3113
-
-
300
-
450
510
Gauss
+25°C
-20°C TO 85°C
BRP
Magnetic Release
OHN3013
Point
OHN3113
30
20
235
-
-
-
Gauss
+25°C
-20°C TO 85°C
BH
Magnetic Hysteresis
OHN3013
OHN3113
20
10
65
-
-
-
Gauss
+25°C
-20°C TO 85°C
Icc
Supply Current
-
4
7
mA
Vcc = 24 V, Output Off, B ≤ 25 Gauss
VOL
Output Saturation Voltage
-
100
400
mV
Vcc = 4.5 V, IOL = 20 mA, B ≥ 450 Gauss
IOH
Output Leakage Current
-
0.1
10.0
µA
Vcc = 24 V, VOUT = 24 V, B ≤ 25 Gauss
tr
Output Rise Time
-
0.21
1.00
µs
RL = 820 Ω, CL = 20 pF, Vcc = 12 V
tf
Output Fall Time
-
0.10
1.00
µs
Notes:
(1) South pole facing symbolized surface.


Similar Part No. - OHS3140U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHS3140U ETC-OHS3140U Datasheet
350Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
TT Electronics.
OHS3140U TTELEC-OHS3140U Datasheet
689Kb / 10P
   Hallogic Hall-Effect Sensors
More results

Similar Description - OHS3140U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHN3140 ETC-OHN3140 Datasheet
350Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OH360U OPTEK-OH360U Datasheet
330Kb / 2P
   Hallogic hall Effect Sensors
May 1996
logo
TT Electronics.
OH090U TTELEC-OH090U Datasheet
689Kb / 10P
   Hallogic Hall-Effect Sensors
logo
List of Unclassifed Man...
OH090U ETC-OH090U Datasheet
290Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTREX CORPORATION
OHN3040U OPTREX-OHN3040U Datasheet
287Kb / 2P
   Hallogic Hall Effect Sensors
logo
List of Unclassifed Man...
OHN3013U ETC1-OHN3013U Datasheet
248Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OHN3130U OPTEK-OHN3130U Datasheet
319Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
List of Unclassifed Man...
OHN3030U ETC-OHN3030U Datasheet
281Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OH180U OPTEK-OH180U Datasheet
301Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
OHN3020U OPTEK-OHN3020U Datasheet
305Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
OHN3120U OPTEK-OHN3120U Datasheet
330Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com