Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0HS3030U Datasheet(PDF) 5 Page - OPTEK Technologies

Part # 0HS3030U
Description  Hallogic Hall-effect Sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

0HS3030U Datasheet(HTML) 5 Page - OPTEK Technologies

  0HS3030U Datasheet HTML 1Page - OPTEK Technologies 0HS3030U Datasheet HTML 2Page - OPTEK Technologies 0HS3030U Datasheet HTML 3Page - OPTEK Technologies 0HS3030U Datasheet HTML 4Page - OPTEK Technologies 0HS3030U Datasheet HTML 5Page - OPTEK Technologies 0HS3030U Datasheet HTML 6Page - OPTEK Technologies 0HS3030U Datasheet HTML 7Page - OPTEK Technologies 0HS3030U Datasheet HTML 8Page - OPTEK Technologies 0HS3030U Datasheet HTML 9Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Hallogic Hall-effect Sensors
OH090U, OH180U, OH360U
OHN3000 Series, OHS3000 Series
OHN3100 Series, OHS3100 Series
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.1
06/05
Page 5 of 9
Notes:
(1) South pole facing symbolized surface.
OHN3131U & OHS3131U
Uni-Polar
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
BOP
Magnetic Operate
OH_3131
Point(1)
OHN3131
OHS3131
-75
-75
-75
-
-
-
95
95
135
Gauss
+25°C
-20°C to +85°C
-40°C to +125°C
BRP
Magnetic Release
OH_3031
Point
OHN3131
OHS3131
-95
-59
-135
-
-
-
85
85
125
Gauss
+25°C
-20°C to +85°C
-40°C to +125°C
BH
Magnetic Hysteresis
OH_3031
OHN3131
OHS3131
10
10
10
-
-
-
-
-
-
Gauss
+25°C
-20°C to +85°C
-40°C to +125°C
Icc
Supply Current
-
4
7
mA
Vcc = 24 V, Output Off, B ≤ 0 Gauss
VOL
Output Saturation Voltage
-
100
400
mV
Vcc = 4.5 V, IOL = 20 mA, B ≥ 200 Gauss
IOH
Output Leakage Current
-
0.1
10.0
µA
Vcc = 24 V, VOUT = 24 V, B ≤ 50 Gauss
tr
Output Rise Time
-
0.21
1.00
µs
RL = 820 Ω, CL = 20 pF, Vcc = 12 V
tf
Output Fall Time
-
0.10
1.00
µs
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
BOP
OH_3030
Magnetic Operate
OH_3130
Point(1)
OHN3130
OHS3130
-
-
-
-
205
-
-
-
250
150
175
200
Gauss
+25°C
+25°C
-20°C to +85°C
-40°C to +125°C
BRP
OH_3030
Magnetic Release
OH_3130
Point
OHN3130
OHS3130
0
-150
-175
-200
160
-
-
-
-
-
-
-
Gauss
+25°C
+25°C
-20°C to +85°C
-40°C to +125°C
BH
OH_3030
Magnetic
OH_3130
Hysteresis
OHN3130
OHS3130
20
20
20
20
45
-
-
-
-
-
-
-
Gauss
+25°C
+25°C
-20°C to +85°C
-40°C to +125°C
Icc
Supply Current
-
4
7
mA
Vcc = 24 V, Output Off, B ≤ 0 Gauss
VOL
Output Saturation Voltage
-
100
400
mV
Vcc = 4.5 V, IOL = 20 mA, B ≥ 200 Gauss
IOH
Output Leakage Current
-
0.1
10.0
µA
Vcc = 24 V, VOUT = 24 V, B ≤ 50 Gauss
tr
Output Rise Time
-
0.21
1.00
µs
RL = 820 Ω, CL = 20 pF, Vcc = 12 V
tf
Output Fall Time
-
0.10
1.00
µs
OHN3030U, OHS3030U, OHN3130U & OHS3130U
Uni-Polar
Electrical Characteristics (Vcc = 4.5 V to 24 V, TA = 25° C unless otherwise noted)


Similar Description - 0HS3030U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHN3140 ETC-OHN3140 Datasheet
350Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OH360U OPTEK-OH360U Datasheet
330Kb / 2P
   Hallogic hall Effect Sensors
May 1996
logo
TT Electronics.
OH090U TTELEC-OH090U Datasheet
689Kb / 10P
   Hallogic Hall-Effect Sensors
logo
List of Unclassifed Man...
OH090U ETC-OH090U Datasheet
290Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTREX CORPORATION
OHN3040U OPTREX-OHN3040U Datasheet
287Kb / 2P
   Hallogic Hall Effect Sensors
logo
List of Unclassifed Man...
OHN3013U ETC1-OHN3013U Datasheet
248Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OHN3130U OPTEK-OHN3130U Datasheet
319Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
List of Unclassifed Man...
OHN3030U ETC-OHN3030U Datasheet
281Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OH180U OPTEK-OH180U Datasheet
301Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
OHN3020U OPTEK-OHN3020U Datasheet
305Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
OHN3120U OPTEK-OHN3120U Datasheet
330Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com