Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAR5104CD Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # MAR5104CD
Description  RADIATION HARD 4096 x 1 BIT STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MAR5104CD Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button MAR5104CD Datasheet HTML 4Page - Zarlink Semiconductor Inc MAR5104CD Datasheet HTML 5Page - Zarlink Semiconductor Inc MAR5104CD Datasheet HTML 6Page - Zarlink Semiconductor Inc MAR5104CD Datasheet HTML 7Page - Zarlink Semiconductor Inc MAR5104CD Datasheet HTML 8Page - Zarlink Semiconductor Inc MAR5104CD Datasheet HTML 9Page - Zarlink Semiconductor Inc MAR5104CD Datasheet HTML 10Page - Zarlink Semiconductor Inc MAR5104CD Datasheet HTML 11Page - Zarlink Semiconductor Inc MAR5104CD Datasheet HTML 12Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MA5104
10
RADIATION TOLERANCE
Total Dose Radiation Testing
For product procured to guaranteed total dose radiation
levels, each wafer lot will be approved when all sample
devices from each lot pass the total dose radiation test.
The sample devices will be subjected to the total dose
radiation level (Cobalt-60 Source), defined by the ordering
code, and must continue to meet the electrical parameters
specified in the data sheet. Electrical tests, pre and post
irradiation, will be read and recorded.
GEC Plessey Semiconductors can provide radiation
testing compliant with MIL-STD-883 test method 1019,
Ionizing Radiation (Total Dose).
Ion LET (MeV.cm2/mg)
UPSET BIT
CROSS-SECTION
(cm2/bit)
Figure 17: Typical Per-Bit Upset Cross-Section vs Ion LET
SINGLE EVENT UPSET CHARACTERISTICS
Total Dose (Function to specification)*
1x10
5 Rad(Si)
Transient Upset (Stored data loss)
5x10
10 Rad(Si)/sec
Transient Upset (Survivability)
>1x10
12 Rad(Si)/sec
Neutron Hardness (Function to specification)
>1x10
15 n/cm2
Single Event Upset**
3.4x10
-9 Errors/bit day
Latch Up
Not possible
* Other total dose radiation levels available on request
** Worst case galactic cosmic ray upset - interplanetary/high altitude orbit
Figure 16: Radiation Hardness Parameters


Similar Part No. - MAR5104CD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MAR ILLINOISCAPACITOR-MAR Datasheet
229Kb / 3P
   Small size ??Good dvdt ??Medium current
logo
TT Electronics.
MAR TTELEC-MAR Datasheet
410Kb / 2P
   very low tcrs
logo
Mini-Circuits
MAR-1 MINI-MAR-1 Datasheet
239Kb / 4P
   Monolithic Amplifier
MAR-1SM MINI-MAR-1SM Datasheet
209Kb / 1P
   MONOLITHIC AMPLIFIERS 50 Ohm
MAR-2SM MINI-MAR-2SM Datasheet
209Kb / 1P
   MONOLITHIC AMPLIFIERS 50 Ohm
More results

Similar Description - MAR5104CD

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA9264 DYNEX-MA9264 Datasheet
240Kb / 15P
   Radiation Hard 8192x8 Bit Static RAM
MA5114 DYNEX-MA5114 Datasheet
115Kb / 12P
   Radiation hard 1024x4 Bit Static RAM
logo
Intel Corporation
M2147H INTEL-M2147H Datasheet
274Kb / 5P
   HIGH SPEED 4096 x 1-BIT STATIC RAM
logo
List of Unclassifed Man...
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
   4096 X 1 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM6147H HITACHI-HM6147H Datasheet
354Kb / 7P
   4096-word x 1-bit High Speed CMOS Static RAM
logo
List of Unclassifed Man...
HM6268 ETC2-HM6268 Datasheet
60Kb / 9P
   4096-word X 4-bit High-Speed CMOS Static RAM
logo
Intersil Corporation
HM-6504 INTERSIL-HM-6504 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
logo
List of Unclassifed Man...
PDM41028 ETC1-PDM41028 Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com