Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC5104FC Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # MAC5104FC
Description  RADIATION HARD 4096 x 1 BIT STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MAC5104FC Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  MAC5104FC Datasheet HTML 1Page - Zarlink Semiconductor Inc MAC5104FC Datasheet HTML 2Page - Zarlink Semiconductor Inc MAC5104FC Datasheet HTML 3Page - Zarlink Semiconductor Inc MAC5104FC Datasheet HTML 4Page - Zarlink Semiconductor Inc MAC5104FC Datasheet HTML 5Page - Zarlink Semiconductor Inc MAC5104FC Datasheet HTML 6Page - Zarlink Semiconductor Inc MAC5104FC Datasheet HTML 7Page - Zarlink Semiconductor Inc MAC5104FC Datasheet HTML 8Page - Zarlink Semiconductor Inc MAC5104FC Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MA5104
2
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage
-0.5
7
V
VI
Input Voltage
-0.3
VDD+0.3
V
TA
Operating Temperature
-55
125
°C
TS
Storage Temperature
-65
150
°C
Figure 3: Absolute Maximum Ratings
Stresses above those listed may cause permanent
damage to the device. This is a stress rating only and
functlonal operation of the device at these condltions,
or at any other condition above those indicated in the
operations section of this specification, is not Implied
Exposure to absolute maxlmum rating conditions for
extended perlods may affect device reliability.
Notes for Tables 4 and 5:
1. Characteristics apply to pre radiation at TA = -55°C to +125°C with VDD = 5V ±10% and to post 100k Rad(Si) total dose
radiation at TA = 25°C with VDD = 5V ±10% (characteristics at higher radiation levels available on request).
2. Worst case at TA = +125°C, guaranteed but not tested at TA = -55°C.
GROUP A SUBGROUPS 1, 2, 3.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD
Supply voltage
-
4.5
5.0
5.5
V
VlH
Input High Voltage
-
VDD/2
-
VDD
V
VlL
Input Low Voltage
-
VSS
-
0.8
V
VOH
Output High Voltage
IOH1 = -1mA
2.4
-
-
V
VOL
Output Low Voltage
IOL = 2mA
-
-
0.4
V
ILI
Input Leakage Current (note 2)
All inputs except
CS
--
±10
µA
ILO
Output Leakage Current (note 2)
Output disabled, VOUT = VSS or VDD
--
±20
µA
IPUI
Input Pull-Up Current
VIN = VSS on CS input only
-
-
-100
µA
IPDI
Input Leakage Current
VIN = VSS on CS input only
-
-
5
µA
IDD
Power Supply Current
fRC = 1MHz, CS = 50% mark:space
-
12
16
mA
ISB1
Selected Supply Current
CS = VSS
-25
35
mA
ISB2
Standby Supply Current
Chip disabled
-
50
3000
µA
Figure 4: Electrical Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDR
VCC for Data Retention
CS = VDR
2.0
-
-
V
IDDR
Data Retention Current
CS = VDR, VDR = 2.0V
-
30
2000
µA
Figure 5: Data Retention Characteristics
CHARACTERISTICS AND RATINGS


Similar Part No. - MAC5104FC

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAC5100-32.768KHZ-G MMD-MAC5100-32.768KHZ-G Datasheet
81Kb / 1P
   Industry Standard Package
MAC5100-32.768KHZ-G1 MMD-MAC5100-32.768KHZ-G1 Datasheet
81Kb / 1P
   Industry Standard Package
MAC510027-32.768KHZ-G MMD-MAC510027-32.768KHZ-G Datasheet
81Kb / 1P
   Industry Standard Package
MAC510027-32.768KHZ-G1 MMD-MAC510027-32.768KHZ-G1 Datasheet
81Kb / 1P
   Industry Standard Package
MAC510027A-32.768KHZ-G MMD-MAC510027A-32.768KHZ-G Datasheet
81Kb / 1P
   Industry Standard Package
More results

Similar Description - MAC5104FC

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA9264 DYNEX-MA9264 Datasheet
240Kb / 15P
   Radiation Hard 8192x8 Bit Static RAM
MA5114 DYNEX-MA5114 Datasheet
115Kb / 12P
   Radiation hard 1024x4 Bit Static RAM
logo
Intel Corporation
M2147H INTEL-M2147H Datasheet
274Kb / 5P
   HIGH SPEED 4096 x 1-BIT STATIC RAM
logo
List of Unclassifed Man...
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
   4096 X 1 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM6147H HITACHI-HM6147H Datasheet
354Kb / 7P
   4096-word x 1-bit High Speed CMOS Static RAM
logo
List of Unclassifed Man...
HM6268 ETC2-HM6268 Datasheet
60Kb / 9P
   4096-word X 4-bit High-Speed CMOS Static RAM
logo
Intersil Corporation
HM-6504 INTERSIL-HM-6504 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
logo
List of Unclassifed Man...
PDM41028 ETC1-PDM41028 Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com