Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX312ESE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX312ESE
Description  10 OHM, Quad, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX312ESE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX312ESE Datasheet HTML 1Page - Maxim Integrated Products MAX312ESE Datasheet HTML 2Page - Maxim Integrated Products MAX312ESE Datasheet HTML 3Page - Maxim Integrated Products MAX312ESE Datasheet HTML 4Page - Maxim Integrated Products MAX312ESE Datasheet HTML 5Page - Maxim Integrated Products MAX312ESE Datasheet HTML 6Page - Maxim Integrated Products MAX312ESE Datasheet HTML 7Page - Maxim Integrated Products MAX312ESE Datasheet HTML 8Page - Maxim Integrated Products MAX312ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
10
, Quad, SPST, CMOS Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = 15V, V- = -15V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
IN_ = 2.4V, all others = 0.8V
CONDITIONS
-1
0.0001
1
µA
-0.500
0.005
0.500
IINH
Input Current with Input Voltage
High
-5
5
µA
I+
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
TA = +25°C
TA = TMIN to TMAX
IN_ = 0.8V, all others = 2.4V
µA
-0.500
0.005
0.500
IINL
Input Current with Input Voltage
Low
V
±4.5
±20.0
Power-Supply Range
Positive Supply Current
All channels on or off,
VIN = 0V or 5V,
V+ = 16.5V
V- = -16.5V
All channels on or off,
VIN = 0V or 5V,
V+ = 16.5V
V- = -16.5V
Negative Supply Current
-1
0.0001
1
-5
5
µA
I-
TA = +25°C
TA = TMIN to TMAX
All channels on or off,
VIN = 0V or 5V,
V+ = 16.5V
V- = -16.5V
Ground Current
-1
-0.0001
1
-5
5
µA
IGND
TA = +25°C
TA = TMIN to TMAX
All channels on or off,
VIN = 0V or 5V,
V+ = 16.5V
V- = -16.5V
Logic Supply Current
-1
0.0001
1
-5
5
µA
IL
TA = +25°C
TA = TMIN to TMAX
70
225
TA = +25°C
MAX314 only, Figure 3,
RL = 300
Ω,
CL = 35pF
tD
Break-Before-Make Time Delay
ns
Figure 2,
VCOM = ±10V
15
TA = +25°C
tON
Turn-On Time
ns
275
TA = TMIN to TMAX
65
185
TA = +25°C
Figure 2,
VCOM = ±10V
tOFF
Turn-Off Time
ns
235
TA = TMIN to TMAX
RL = 50
Ω,
CL = 5pF,
f = 1MHz, Figure 6
VCT
Crosstalk (Note 8)
dB
-85
TA = +25°C
CL = 1.0nF
VGEN = 0V,
RGEN = 0
Ω, Figure 4
VCTE
Charge Injection
(Note 3)
pC
-30
20
30
TA = +25°C
RL = 50
Ω,
CL = 5pF,
f = 1MHz, Figure 5
VISO
Off Isolation (Note 7)
dB
-65
TA = +25°C
f = 1MHz, Figure 7
C(OFF)
NC or NO Capacitance
pF
15
TA = +25°C
f = 1MHz, Figure 7
C(COM)
COM Off Capacitance
pF
15
TA = +25°C
f = 1MHz, Figure 7
C(COM)
On Capacitance
pF
47
TA = +25°C
LOGIC INPUT
POWER SUPPLY
DYNAMIC


Similar Part No. - MAX312ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX312ESE MAXIM-MAX312ESE Datasheet
385Kb / 12P
   10?? Quad, SPST, CMOS Analog Switches
19-0420; Rev 1; 6/99
MAX312ESE MAXIM-MAX312ESE Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
More results

Similar Description - MAX312ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312 Datasheet
385Kb / 12P
   10?? Quad, SPST, CMOS Analog Switches
19-0420; Rev 1; 6/99
MAX312 MAXIM-MAX312_V01 Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com