Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48Z512A-7-PM6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48Z512A-7-PM6
Description  4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512A-7-PM6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48Z512A-7-PM6 Datasheet HTML 4Page - STMicroelectronics M48Z512A-7-PM6 Datasheet HTML 5Page - STMicroelectronics M48Z512A-7-PM6 Datasheet HTML 6Page - STMicroelectronics M48Z512A-7-PM6 Datasheet HTML 7Page - STMicroelectronics M48Z512A-7-PM6 Datasheet HTML 8Page - STMicroelectronics M48Z512A-7-PM6 Datasheet HTML 9Page - STMicroelectronics M48Z512A-7-PM6 Datasheet HTML 10Page - STMicroelectronics M48Z512A-7-PM6 Datasheet HTML 11Page - STMicroelectronics M48Z512A-7-PM6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Operating modes
M48Z512A M48Z512AY M48Z512AV
8/24
2
Operating modes
The M48Z512A/Y/V also has its own Power-fail Detect circuit. The control circuitry
constantly monitors the single VCC supply for an out of tolerance condition. When VCC is out
of tolerance, the circuit WRITE protects the SRAM, providing a high degree of data security
in the midst of unpredictable system operation brought on by low VCC. As VCC falls below
the switchover voltage (VSO), the control circuitry connects the battery which maintains data
until valid power returns.
The ZEROPOWER® RAM replaces industry standard SRAMs. It provides the nonvolatility of
PROMs without any requirement for special WRITE timing or limitations on the number of
WRITEs that can be performed.
2.1
READ mode
The M48Z512A/Y/V is in the READ mode whenever W (WRITE Enable) is high and E (Chip
Enable) is low. The device architecture allows ripple-through access of data from eight of
4,194,304 locations in the static storage array. Thus, the unique address specified by the 19
Address Inputs defines which one of the 524,288 bytes of data is to be accessed. Valid data
will be available at the Data I/O pins within Address Access time (tAVQV) after the last
address input signal is stable, providing that the E (Chip Enable) and G (Output Enable)
access times are also satisfied. If the E and G access times are not met, valid data will be
available after the later of Chip Enable Access time (tELQV) or Output Enable Access Time
(tGLQV). The state of the eight three-state Data I/O signals is controlled by E and G. If the
outputs are activated before tAVQV, the data lines will be driven to an indeterminate state
until tAVQV. If the Address Inputs are changed while E and G remain low, output data will
remain valid for Output Data Hold time (tAXQX) but will go indeterminate until the next
Address Access.
Table 3.
Operating modes(1)
1.
See Table 11 on page 17 for details.
Mode
VCC
E
G
W
DQ0-DQ7
Power
Deselect
4.75 to 5.5V
or
4.5 to 5.5V
or
3.0 to 3.6V
VIH
X
X
High Z
Standby
WRITE
VIL
XVIL
DIN
Active
READ
VIL
VIL
VIH
DOUT
Active
READ
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD (min)
(2)
2.
X = VIH or VIL; VSO = battery back-up switchover voltage.
X
X
X
High Z
CMOS standby
Deselect
≤ V
SO
(2)
X
X
X
High Z
Battery back-up mode


Similar Part No. - M48Z512A-7-PM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z512A-70CS1 STMICROELECTRONICS-M48Z512A-70CS1 Datasheet
101Kb / 17P
   4 Mbit 512Kb x8 ZEROPOWER SRAM
March 2000
M48Z512A-70CS9 STMICROELECTRONICS-M48Z512A-70CS9 Datasheet
101Kb / 17P
   4 Mbit 512Kb x8 ZEROPOWER SRAM
March 2000
M48Z512A-70PM1 STMICROELECTRONICS-M48Z512A-70PM1 Datasheet
101Kb / 17P
   4 Mbit 512Kb x8 ZEROPOWER SRAM
March 2000
M48Z512A-70PM1 STMICROELECTRONICS-M48Z512A-70PM1 Datasheet
341Kb / 21P
   4 Mbit (512 Kbit x 8) ZEROPOWER짰 SRAM
M48Z512A-70PM6 STMICROELECTRONICS-M48Z512A-70PM6 Datasheet
341Kb / 21P
   4 Mbit (512 Kbit x 8) ZEROPOWER짰 SRAM
More results

Similar Description - M48Z512A-7-PM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z512A STMICROELECTRONICS-M48Z512A_10 Datasheet
341Kb / 21P
   4 Mbit (512 Kbit x 8) ZEROPOWER짰 SRAM
M48Z512BV STMICROELECTRONICS-M48Z512BV Datasheet
195Kb / 20P
   3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
   256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
   16 Kbit 2Kb x 8 ZEROPOWER SRAM
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
141Kb / 18P
   64 Kbit 8Kb x 8 ZEROPOWER SRAM
M48Z58 STMICROELECTRONICS-M48Z58 Datasheet
133Kb / 17P
   64 Kbit 8Kb x 8 ZEROPOWER SRAM
March 1999
M48Z128Y STMICROELECTRONICS-M48Z128Y Datasheet
295Kb / 21P
   5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
   5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
   5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com