Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89567HCPFV Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB89567HCPFV
Description  8-bit Proprietary Microcontroller CMOS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89567HCPFV Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB89567HCPFV Datasheet HTML 4Page - Fujitsu Component Limited. MB89567HCPFV Datasheet HTML 5Page - Fujitsu Component Limited. MB89567HCPFV Datasheet HTML 6Page - Fujitsu Component Limited. MB89567HCPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB89567HCPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB89567HCPFV Datasheet HTML 9Page - Fujitsu Component Limited. MB89567HCPFV Datasheet HTML 10Page - Fujitsu Component Limited. MB89567HCPFV Datasheet HTML 11Page - Fujitsu Component Limited. MB89567HCPFV Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
MB89560H Series
s PIN DESCRIPTION
(Continued)
*1: FPT-80P-M05
*2: FPT-80P-M11
*3: MQP-80C-P01
*4: FPT-80P-M06
Pin no.
Pin name
I/O circuit
type
Function
LQFP*1
LQFP*2
MQFP*3
QFP*4
43
45
X0
A
Crystal or other resonator connector pins for the main clock.
The external clock can be connected to X0. When this is done,
be sure to leave X1 open.
CR oscillation selectability in model with a mask ROM only.
44
46
X1
42
44
MODA
C
Memory access mode setting pins.
Connect directly to VSS.
Hysteresis input type.
39
41
RST
D
Reset I/O pin
This pin is a CMOS output type with a pull-up resistor, and a
hysteresis input type.
“L” is output from this pin by an internal reset request (optional).
The internal circuit is initialized by the input of “L”.
49 to 52
51 to 54
P24/INT20 to
P27/INT23
E
General-purpose CMOS I/O ports
Also serve as an external interrupt 2 input (wake-up function).
External interrupt 2 input is hysteresis input.
Selectable pull-up resistor.
30 to 36
,38
32 to
38,40
P10/INT10 to
P17/INT17
E
General-purpose CMOS I/O ports
Also serve as input for external interrupt 1 input.
External interrupt 1 input is hysteresis input.
Selectable pull-up resistor.
60
62
P44/UCK/
SCK1
E
General-purpose CMOS I/O ports
Also serve as the clock I/O for the High-speed UART and
Serial IO.
The peripheral is a hysteresis input type.
Selectable pull-up resistor.
61
63
P45/UO/SO1
F
General-purpose CMOS I/O ports
Also serves as the data output for the High-speed UART and
Serial I/O.
The peripheral is a hysteresis input type.
Selectable pull-up resistor.
62
64
P46/UI/SI1
G
N-ch open drain general-purpose I/O ports
Also serves as the data input for the High-speed UART and
Serial I/O.
The peripheral is a hysteresis input type.
63
65
P47/PWC
G
N-ch open drain general-purpose I/O port
Also serve as the external clock input for PWC.
The peripheral is a hysteresis input.
56
58
P40/WTO/
TO11
F
General-purpose CMOS I/O port
Also serves as an 8/16-bit timer/counter output and PWC output.


Similar Part No. - MB89567HCPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89567A FUJITSU-MB89567A Datasheet
424Kb / 60P
   8-bit Proprietary Microcontroller CMOS
MB89567AC FUJITSU-MB89567AC Datasheet
424Kb / 60P
   8-bit Proprietary Microcontroller CMOS
MB89567ACPF FUJITSU-MB89567ACPF Datasheet
424Kb / 60P
   8-bit Proprietary Microcontroller CMOS
MB89567ACPFM FUJITSU-MB89567ACPFM Datasheet
424Kb / 60P
   8-bit Proprietary Microcontroller CMOS
MB89567ACPFV FUJITSU-MB89567ACPFV Datasheet
424Kb / 60P
   8-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB89567HCPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89190 FUJITSU-MB89190 Datasheet
399Kb / 41P
   8-bit Proprietary Microcontroller CMOS
MB89143A FUJITSU-MB89143A_01 Datasheet
284Kb / 31P
   8-bit Proprietary Microcontroller CMOS
MB89490 FUJITSU-MB89490_03 Datasheet
564Kb / 57P
   8-bit Proprietary Microcontroller CMOS
MB89560A FUJITSU-MB89560A Datasheet
424Kb / 60P
   8-bit Proprietary Microcontroller CMOS
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com