Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P200NF03 Datasheet(PDF) 3 Page - STMicroelectronics

Part # P200NF03
Description  N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P200NF03 Datasheet(HTML) 3 Page - STMicroelectronics

  P200NF03 Datasheet HTML 1Page - STMicroelectronics P200NF03 Datasheet HTML 2Page - STMicroelectronics P200NF03 Datasheet HTML 3Page - STMicroelectronics P200NF03 Datasheet HTML 4Page - STMicroelectronics P200NF03 Datasheet HTML 5Page - STMicroelectronics P200NF03 Datasheet HTML 6Page - STMicroelectronics P200NF03 Datasheet HTML 7Page - STMicroelectronics P200NF03 Datasheet HTML 8Page - STMicroelectronics P200NF03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STP200NF03 - STB200NF03 - STB200NF03-1
Electrical ratings
3/18
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)30
V
VGS
Gate- source voltage
± 20
V
ID
(1)
1.
Value limited by package
Drain current (continuous) at
TC = 25°C
120
A
ID
(1)
Drain current (continuous) at
TC = 100°C
120
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
480
A
Ptot
Total dissipation at TC = 25°C
300
W
Derating factor
2.0
W/°C
dv/dt(3)
3.
ISD ≤120A, di/dt ≤400A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX
Peak diode recovery voltage slope
1.5
V/ns
EAS
(4)
4.
Starting Tj = 25 °C, ID = 60A, VDD = 25V
Single pulse avalanche energy
1.45
J
Tstg
Storage temperature
-55 to 175
°C
Tj
Max. operating junction
temperature
Table 2.
Thermal data
Rthj-case
Thermal resistance junction-case max
0.5
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
Rthj-pcb
Thermal resistance junction-pcb
see curve 13 and 14
TJ
Maximum lead temperature for soldering purpose(1)
1.
for 10 sec. 1.6mm from case
300
°C


Similar Part No. - P200NF03

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P200NF03 VBSEMI-P200NF03 Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - P200NF03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB190NF04 STMICROELECTRONICS-STB190NF04_06 Datasheet
510Kb / 16P
   N-channel 40V - 0.0039ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
   N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STB100NF03L-03 STMICROELECTRONICS-STB100NF03L-03_06 Datasheet
461Kb / 15P
   N-channel 30V - 0.0026ohm - 100A - D2PAK/I2/TO-220 STripFET TM III Power MOSFET
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
   N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
STB190NF04 STMICROELECTRONICS-STB190NF04 Datasheet
173Kb / 9P
   N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
February 2004
STB140NF75T4 STMICROELECTRONICS-STB140NF75T4 Datasheet
545Kb / 18P
   N-channel 75V - 0.0065 - 120A - D2PAK/I2/TO-220 STripFET III Power MOSFET
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
   N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB70NF03L STMICROELECTRONICS-STB70NF03L_06 Datasheet
463Kb / 15P
   N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET TM II Power MOSFET
July 2006 Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com