Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89P568 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB89P568
Description  8-bit Proprietary Microcontroller CMOS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P568 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB89P568 Datasheet HTML 6Page - Fujitsu Component Limited. MB89P568 Datasheet HTML 7Page - Fujitsu Component Limited. MB89P568 Datasheet HTML 8Page - Fujitsu Component Limited. MB89P568 Datasheet HTML 9Page - Fujitsu Component Limited. MB89P568 Datasheet HTML 10Page - Fujitsu Component Limited. MB89P568 Datasheet HTML 11Page - Fujitsu Component Limited. MB89P568 Datasheet HTML 12Page - Fujitsu Component Limited. MB89P568 Datasheet HTML 13Page - Fujitsu Component Limited. MB89P568 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
MB89560H Series
(Continued)
*1: FPT-80P-M05
*2: FPT-80P-M11
*3: MQP-80C-P01
*4: FPT-80P-M06
*5: When MB89PV560-101 or MB89PV560-102 is used, this pin will become a NC pin without internal
connection.
When MB89P568-101 or MB89P568-102 is used, this pin will be select a regulator stabilization
delay time.
If 5V used in MB89P568-101 or MB89P568-102, this pin must be connected to Vss.
If 3V used in MB89P568-101 or MB89P568-102, this pin must be connected to Vcc.
If MB89567H or MB89567HC is used, 0.1
µF capacitor should connect to this pin.
Pin no.
Pin name
I/O circuit
type
Function
LQFP*1
LQFP*2
MQFP*3
QFP*4
74 to 80,
1
1 to 3
76 to 80
SEG0 to
SEG7
I
LCD controller/driver segment output-only pins
70 to 73
72 to 75
COM0
to
COM3
I
LCD controller/driver common output-only pins
68 to 71
70 to 73
V0 to V3
LCD driving power supply pins.
42
44
X0A
B
Crystal or other resonator connector pins for the subclock
(Subclock: 32.768 kHz)
The external clock can be connected to X0A.
When this is done, Be sure to leave X1A open.
43
45
X1A
55
57
Vcc
Power supply pin
39
41
C
Capacitor connection pin *5
15
17
Vss
Power supply (GND) pin
22
24
AVcc
A/D converter power supply pin
21
23
AVR
A/D converter reference voltage input pin
31
33
AVss
A/D converter power supply pin
Use this pin at the same voltage as VSS.


Similar Part No. - MB89P568

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P568 FUJITSU-MB89P568 Datasheet
424Kb / 60P
   8-bit Proprietary Microcontroller CMOS
MB89P568-101 FUJITSU-MB89P568-101 Datasheet
424Kb / 60P
   8-bit Proprietary Microcontroller CMOS
MB89P568-102 FUJITSU-MB89P568-102 Datasheet
424Kb / 60P
   8-bit Proprietary Microcontroller CMOS
MB89P568PF-101 FUJITSU-MB89P568PF-101 Datasheet
424Kb / 60P
   8-bit Proprietary Microcontroller CMOS
MB89P568PF-102 FUJITSU-MB89P568PF-102 Datasheet
424Kb / 60P
   8-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB89P568

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89190 FUJITSU-MB89190 Datasheet
399Kb / 41P
   8-bit Proprietary Microcontroller CMOS
MB89143A FUJITSU-MB89143A_01 Datasheet
284Kb / 31P
   8-bit Proprietary Microcontroller CMOS
MB89490 FUJITSU-MB89490_03 Datasheet
564Kb / 57P
   8-bit Proprietary Microcontroller CMOS
MB89560A FUJITSU-MB89560A Datasheet
424Kb / 60P
   8-bit Proprietary Microcontroller CMOS
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com