Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B190NF04 Datasheet(PDF) 11 Page - STMicroelectronics

Part # B190NF04
Description  N-channel 40V - 0.0039ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B190NF04 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button B190NF04 Datasheet HTML 7Page - STMicroelectronics B190NF04 Datasheet HTML 8Page - STMicroelectronics B190NF04 Datasheet HTML 9Page - STMicroelectronics B190NF04 Datasheet HTML 10Page - STMicroelectronics B190NF04 Datasheet HTML 11Page - STMicroelectronics B190NF04 Datasheet HTML 12Page - STMicroelectronics B190NF04 Datasheet HTML 13Page - STMicroelectronics B190NF04 Datasheet HTML 14Page - STMicroelectronics B190NF04 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STP190NF04 - STB190NF04 - STB190NF04-1
Package mechanical data
11/16
TO-247 MECHANICAL DATA
1
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.7
0.93
0.027
0.036
B2
1.14
1.7
0.044
0.067
C
0.45
0.6
0.017
0.023
C2
1.23
1.36
0.048
0.053
D
8.95
9.35
0.352
0.368
D1
8
0.315
E
10
10.4
0.393
E1
8.5
0.334
G
4.88
5.28
0.192
0.208
L
15
15.85
0.590
0.625
L2
1.27
1.4
0.050
0.055
L3
1.4
1.75
0.055
0.068
M
2.4
3.2
0.094
0.126
R0.4
0.015
V2
D2PAK MECHANICAL DATA


Similar Part No. - B190NF04

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B190 DIODES-B190 Datasheet
64Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. B-2
logo
Lite-On Technology Corp...
B190 LITEON-B190 Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B190 WEITRON-B190 Datasheet
94Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B190 DIODES-B190 Datasheet
361Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 6 - 2
B190-13 DIODES-B190-13 Datasheet
101Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 10 - 2
More results

Similar Description - B190NF04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB200NF03 STMICROELECTRONICS-STB200NF03_07 Datasheet
449Kb / 18P
   N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
   N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
   N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
STB190NF04 STMICROELECTRONICS-STB190NF04 Datasheet
173Kb / 9P
   N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
February 2004
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
STP200N4F3 STMICROELECTRONICS-STP200N4F3 Datasheet
319Kb / 14P
   N-channel 40V - 0.0035廓 - 120A - D2PAK - TO-220 planar STripFET??Power MOSFET
STB140NF75T4 STMICROELECTRONICS-STB140NF75T4 Datasheet
545Kb / 18P
   N-channel 75V - 0.0065 - 120A - D2PAK/I2/TO-220 STripFET III Power MOSFET
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
STB270N4F3 STMICROELECTRONICS-STB270N4F3 Datasheet
450Kb / 15P
   N-channel 40V - 2.1m ohm - 160A - TO-220 - D2PAK - I2PAK STripFE TM Power MOSFET
STB185N55F3 STMICROELECTRONICS-STB185N55F3 Datasheet
335Kb / 14P
   N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com