Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48T86 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48T86
Description  5.0 V PC real-time clock
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48T86 Datasheet HTML 3Page - STMicroelectronics M48T86 Datasheet HTML 4Page - STMicroelectronics M48T86 Datasheet HTML 5Page - STMicroelectronics M48T86 Datasheet HTML 6Page - STMicroelectronics M48T86 Datasheet HTML 7Page - STMicroelectronics M48T86 Datasheet HTML 8Page - STMicroelectronics M48T86 Datasheet HTML 9Page - STMicroelectronics M48T86 Datasheet HTML 10Page - STMicroelectronics M48T86 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
M48T86
Summary description
7/36
Table 1.
Signal names
Figure 2.
24-pin DIP connections
AD0-AD7
Multiplexed address/data bus
E
Chip enable input
R/W
WRITE enable input
DS
Data strobe input
AS
Address strobe input
RST
Reset Input
RCL
RAM clear input
MOT
Bus type select input
SQW
Square wave output
IRQ
Interrupt request output
(open drain)
VCC
Supply voltage
VSS
Ground
NC
Not connected internally
AD4
AD5
AD6
NC
AD1
AD2
AD3
NC
AD0
SQW
RST
NC
RCL
NC
NC
IRQ
DS
AS
AD7
VSS
E
R/W
MOT
VCC
AI01641
M48T86
8
1
2
3
4
5
6
7
9
10
11
12
13
14
16
15
24
23
22
21
20
19
18
17


Similar Part No. - M48T86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86 Datasheet
163Kb / 23P
   5V PC REAL TIME CLOCK
M48T86 STMICROELECTRONICS-M48T86 Datasheet
320Kb / 36P
   5.0 V PC real-time clock
logo
ARTSCHIP ELECTRONICS CO...
M48T86 ARTSCHIP-M48T86 Datasheet
9Mb / 29P
   5.0V PC Real-Time Clock
logo
STMicroelectronics
M48T86MH STMICROELECTRONICS-M48T86MH Datasheet
163Kb / 23P
   5V PC REAL TIME CLOCK
M48T86PC STMICROELECTRONICS-M48T86PC Datasheet
163Kb / 23P
   5V PC REAL TIME CLOCK
More results

Similar Description - M48T86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T86_0707 STMICROELECTRONICS-M48T86_0707 Datasheet
320Kb / 36P
   5.0 V PC real-time clock
M48T86 STMICROELECTRONICS-M48T86 Datasheet
163Kb / 23P
   5V PC REAL TIME CLOCK
logo
ARTSCHIP ELECTRONICS CO...
M48T86 ARTSCHIP-M48T86 Datasheet
9Mb / 29P
   5.0V PC Real-Time Clock
logo
Epson Company
RTC-6593 EPSON-RTC-6593 Datasheet
40Kb / 1P
   REAL TIME CLOCK MODULE FOR PC/AT
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com