Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6902D Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6902D
Description  UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6902D Datasheet(HTML) 3 Page - STMicroelectronics

  L6902D_04 Datasheet HTML 1Page - STMicroelectronics L6902D_04 Datasheet HTML 2Page - STMicroelectronics L6902D_04 Datasheet HTML 3Page - STMicroelectronics L6902D_04 Datasheet HTML 4Page - STMicroelectronics L6902D_04 Datasheet HTML 5Page - STMicroelectronics L6902D_04 Datasheet HTML 6Page - STMicroelectronics L6902D_04 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
L6902D
Figure 4. Internal Block Diagram
Table 5. Electrical Characteristcs
(Tj = 25°C, VCC = 12V, unless otherwise specified.) (•) Specification Referred to Tj from 0 to 125°C.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC
Operating input voltage range
VO = 1.235V; IO = 1A
8
36
V
Vd
Dropout voltage
VCC = 8V; IO = 1A
0.25
0.5
V
IO
Operating charging current
Rsense = 0.1Ω
0.9511.05
A
0.92
1.08
A
Il
Maximum limiting current
VCC = 8V to 36V
2
2.5
3.2
A
fs
Switching frequency
212
250
287
kHz
225
250
275
kHz
d
Duty cycle
0
100
%
DYNAMIC CHARACTERISTICS
V5
Voltage feedback (FB)
8V < VCC < 36V,
20mA < IO < 1A
1.21
1.235
1.259
V
1.198
1.235
1.272
V
η
Efficiency
VO = 5V, VCC = 12V
90
%
DC CHARACTERISTICS
Iqop
Total operating quiescent
current
•3
5
mA
Iq
Quiescent current
Duty cycle = 0; VFB = 1.5V
3
mA
VREF
GOOD
3.8V
COMP
VFB
DRIVER
INHIBIT
+
-
1.235V
E/A
1.235V
THERMAL
SHUTDOWN
-
+
PWM
OSCILLATOR
OUT
Vcc
GND
Vref
SUPPLY
TRIMMING
FREQUENCY
SHIFTER
VOLTAGES
MONITOR
D
Q
CK
CURRENT LIMITING
PEAK TO PEAK
+
-
Current_E/A
Voltage_E/A
CS-
CS+


Similar Part No. - L6902D_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6902D013TR STMICROELECTRONICS-L6902D013TR Datasheet
89Kb / 6P
   UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
L6902D013TR STMICROELECTRONICS-L6902D013TR Datasheet
203Kb / 11P
   Zero load current operation
November 2010 Rev 9
More results

Similar Description - L6902D_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6902D STMICROELECTRONICS-L6902D Datasheet
89Kb / 6P
   UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
A6902D STMICROELECTRONICS-A6902D Datasheet
221Kb / 12P
   Up to 1A step down switching regulator with adjustable current limit for automotive applications
logo
Maxim Integrated Produc...
MAX9611PMB1 MAXIM-MAX9611PMB1 Datasheet
1Mb / 9P
   Programmable Current Limit Up to 1A
Rev 0; 5/12
logo
Linear Technology
RH1185AMK LINER-RH1185AMK Datasheet
554Kb / 6P
   Negative Regulator with Adjustable Current Limit
RH1185AMK LINER-RH1185AMK_15 Datasheet
84Kb / 2P
   Negative Regulator with Adjustable Current Limit
logo
STMicroelectronics
A6902D STMICROELECTRONICS-A6902D_08 Datasheet
159Kb / 12P
   Up to 1 A step down switching regulator with adjustable current limit for automotive applications
A6902D_0808 STMICROELECTRONICS-A6902D_0808 Datasheet
264Kb / 12P
   Up to 1 A step down switching regulator with adjustable current limit for automotive applications
logo
Torex Semiconductor
XC6604 TOREX-XC6604 Datasheet
899Kb / 30P
   0.5V Low Input, 1A High Speed LDO Regulator with Adjustable Current Limit
logo
Texas Instruments
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com