Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC70-3C81-E315 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EC70-3C81-E315
Description  EC cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC70-3C81-E315 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EC70-3C81-E315 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC70-3C81-E315 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC70-3C81-E315 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC70-3C81-E315 Datasheet HTML 4Page - List of Unclassifed Manufacturers EC70-3C81-E315 Datasheet HTML 5Page - List of Unclassifed Manufacturers EC70-3C81-E315 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2004 Sep 01
3
Ferroxcube
EC cores and accessories
EC70
COIL FORMERS
General data 8-slots EC70 coil former for insertable pins
Winding data 8-slots EC70 coil former for insertable pins; see note 1
Note
1.
Coil formers with inserted pins are available on request.
PARAMETER
SPECIFICATION
Coil former material
polyamide (PA6.6), glass-reinforced, flame retardant
in accordance with
“UL 94V-0”; UL file number E44716(M)
Maximum operating temperature
130
°C, “IEC 60085”, class B
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
TYPE NUMBER
1
465
41.5
97.3
CP-EC70-1S
51.4
±0.25
56.5
±0.25
50.8
±0.64
41.45
±0.25
19.5
±0.13
56.5
±0.25
10.16
30.48
50.8
44.15
±0.64
42.45
±0.25
17.15
±0.15
17.15
6
3.81
4.5
MFW050
Fig.2 EC70 coil former; 8-slots.
Dimensions in mm.


Similar Part No. - EC70-3C81-E315

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
EC70 FERROXCUBE-EC70 Datasheet
51Kb / 2P
   EC cores and accessories
logo
DFI Inc
EC700-AL DFI-EC700-AL Datasheet
1Mb / 5P
   Fanless Embedded System
EC700-BT DFI-EC700-BT Datasheet
1Mb / 4P
   Fanless Embedded System
EC700-BT3054 DFI-EC700-BT3054 Datasheet
1Mb / 4P
   Fanless Embedded System
EC700-BT3054-192 DFI-EC700-BT3054-192 Datasheet
1Mb / 4P
   Fanless Embedded System
More results

Similar Description - EC70-3C81-E315

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-EC52-1S FERROXCUBE-CP-EC52-1S Datasheet
27Kb / 1P
   EC cores and accessories
EC70 FERROXCUBE-EC70 Datasheet
51Kb / 2P
   EC cores and accessories
CP-EC41-1S FERROXCUBE-CP-EC41-1S Datasheet
27Kb / 1P
   EC cores and accessories
CP-EC70-1S FERROXCUBE-CP-EC70-1S Datasheet
28Kb / 1P
   EC cores and accessories
EC35 FERROXCUBE-EC35 Datasheet
52Kb / 2P
   EC cores and accessories
EC41 FERROXCUBE-EC41 Datasheet
51Kb / 2P
   EC cores and accessories
CSH-EC35-1S-11PD-A FERROXCUBE-CSH-EC35-1S-11PD-A Datasheet
37Kb / 1P
   EC cores and accessories
CP-EC35-1S FERROXCUBE-CP-EC35-1S Datasheet
27Kb / 1P
   EC cores and accessories
EC52 FERROXCUBE-EC52 Datasheet
51Kb / 2P
   EC cores and accessories
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com