Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA32-16AC Datasheet(PDF) 36 Page - ATMEL Corporation

Part # ATMEGA32-16AC
Description  8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
Download  347 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32-16AC Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button ATMEGA32-16AC Datasheet HTML 32Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 33Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 34Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 35Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 36Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 37Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 38Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 39Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 347 page
background image
36
ATmega32(L)
2503J–AVR–10/06
System Control and
Reset
Resetting the AVR
During Reset, all I/O Registers are set to their initial values, and the program starts exe-
cution from the Reset Vector. The instruction placed at the Reset Vector must be a JMP
– absolute jump – instruction to the reset handling routine. If the program never enables
an interrupt source, the Interrupt Vectors are not used, and regular program code can
be placed at these locations. This is also the case if the Reset Vector is in the Applica-
tion section while the Interrupt Vectors are in the Boot section or vice versa. The circuit
diagram in Figure 15 shows the reset logic. Table 15 defines the electrical parameters of
the reset circuitry.
The I/O ports of the AVR are immediately reset to their initial state when a reset source
goes active. This does not require any clock source to be running.
After all reset sources have gone inactive, a delay counter is invoked, stretching the
Internal Reset. This allows the power to reach a stable level before normal operation
starts. The time-out period of the delay counter is defined by the user through the
CKSEL Fuses. The different selections for the delay period are presented in “Clock
Sources” on page 25.
Reset Sources
The ATmega32 has five sources of reset:
Power-on Reset. The MCU is reset when the supply voltage is below the Power-on
Reset threshold (V
POT).
External Reset. The MCU is reset when a low level is present on the RESET pin for
longer than the minimum pulse length.
Watchdog Reset. The MCU is reset when the Watchdog Timer period expires and
the Watchdog is enabled.
Brown-out Reset. The MCU is reset when the supply voltage V
CC is below the
Brown-out Reset threshold (V
BOT) and the Brown-out Detector is enabled.
JTAG AVR Reset. The MCU is reset as long as there is a logic one in the Reset
Register, one of the scan chains of the JTAG system. Refer to the section “IEEE
1149.1 (JTAG) Boundary-scan” on page 225 for details.


Similar Part No. - ATMEGA32-16AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA32-16AC ATMEL-ATMEGA32-16AC Datasheet
4Mb / 317P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA32-16AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA32 ATMEL-ATMEGA32 Datasheet
4Mb / 317P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P Datasheet
8Mb / 294P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com