Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBT16233DGGRE4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # 74CBT16233DGGRE4
Description  16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74CBT16233DGGRE4 Datasheet(HTML) 2 Page - Texas Instruments

  74CBT16233DGGRE4 Datasheet HTML 1Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 2Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 3Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 4Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 5Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 6Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 7Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 8Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SN74CBT16233
16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SCDS010K – MAY 1995 – REVISED NOVEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each multiplexer/demultiplexer)
INPUTS
FUNCTION
SEL
TEST
FUNCTION
L
L
A = B1
H
L
A = B2
X
H
A = B1 and A = B2
logic diagram (positive logic)
8B1
1B1
8A
1A
SEL1
1B2
8B2
TEST1
1
45
30
27
56
55
11
12
16B1
9B1
16A
9A
SEL2
9B2
16B2
TEST2
15
31
29
28
42
41
25
26
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous channel current
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DGG package
64
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGV package
48
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
56
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - 74CBT16233DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBT16232DGGRE4 TI-74CBT16232DGGRE4 Datasheet
286Kb / 11P
[Old version datasheet]   SYNCHRONOUS 16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
74CBT16232DGGRG4 TI-74CBT16232DGGRG4 Datasheet
286Kb / 11P
[Old version datasheet]   SYNCHRONOUS 16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - 74CBT16233DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16233 TI-SN74CBT16233 Datasheet
77Kb / 5P
[Old version datasheet]   16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16232DGGR TI-SN74CBT16232DGGR Datasheet
286Kb / 11P
[Old version datasheet]   SYNCHRONOUS 16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16232 TI-SN74CBT16232 Datasheet
68Kb / 5P
[Old version datasheet]   SYNCHRONOUS 16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Hitachi Semiconductor
HD74CBT3257 HITACHI-HD74CBT3257 Datasheet
102Kb / 11P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257 Datasheet
361Kb / 12P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com