Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBT16233DGGRE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 74CBT16233DGGRE4
Description  16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74CBT16233DGGRE4 Datasheet(HTML) 1 Page - Texas Instruments

  74CBT16233DGGRE4 Datasheet HTML 1Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 2Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 3Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 4Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 5Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 6Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 7Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 8Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN74CBT16233
16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SCDS010K – MAY 1995 – REVISED NOVEMBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
 Family
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
description
The SN74CBT16233 is a 16-bit 1-of-2 FET
multiplexer/demultiplexer used in applications in
which
two
separate
data
paths
must
be
multiplexed onto, or demultiplexed from, a single
path. This device can be used for memory
interleaving, where two different banks of memory
need to be addressed simultaneously. The device
can be used as two 8-bit to 16-bit multiplexers or
as one 16-bit to 32-bit multiplexer.
Two select (SEL1 and SEL2) inputs control the
data flow. When the TEST inputs are asserted, the
A port is connected to both the B1 and the B2
ports. SEL1, SEL2, and the TEST inputs can be
driven with a 5-V CMOS, a 5-V TTL, or a
low-voltage TTL driver.
This device is designed so it does not have
through current when switching directions.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SSOP
DL
Tube
SN74CBT16233DL
CBT16233
40
°Cto85°C
SSOP – DL
Tape and reel
SN74CBT16233DLR
CBT16233
–40
°C to 85°C
TSSOP – DGG
Tape and reel
SN74CBT16233DGGR
CBT16233
TVSOP – DGV
Tape and reel
SN74CBT16233DGVR
CY233
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1A
2B1
2B2
3A
4B1
4B2
5A
6B1
6B2
7A
8B1
8B2
GND
VCC
9A
10B1
10B2
11A
12B1
12B2
13A
14B1
14B2
15A
16B1
16B2
TEST1
TEST2
1B1
1B2
2A
3B1
3B2
4A
5B1
5B2
6A
7B1
7B2
8A
GND
VCC
9B1
9B2
10A
11B1
11B2
12A
13B1
13B2
14A
15B1
15B2
16A
SEL1
SEL2
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.


Similar Part No. - 74CBT16233DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBT16232DGGRE4 TI-74CBT16232DGGRE4 Datasheet
286Kb / 11P
[Old version datasheet]   SYNCHRONOUS 16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
74CBT16232DGGRG4 TI-74CBT16232DGGRG4 Datasheet
286Kb / 11P
[Old version datasheet]   SYNCHRONOUS 16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - 74CBT16233DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16233 TI-SN74CBT16233 Datasheet
77Kb / 5P
[Old version datasheet]   16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16232DGGR TI-SN74CBT16232DGGR Datasheet
286Kb / 11P
[Old version datasheet]   SYNCHRONOUS 16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16232 TI-SN74CBT16232 Datasheet
68Kb / 5P
[Old version datasheet]   SYNCHRONOUS 16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Hitachi Semiconductor
HD74CBT3257 HITACHI-HD74CBT3257 Datasheet
102Kb / 11P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257 Datasheet
361Kb / 12P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com