Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBT16233DGGRE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 74CBT16233DGGRE4
Description  16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74CBT16233DGGRE4 Datasheet(HTML) 3 Page - Texas Instruments

  74CBT16233DGGRE4 Datasheet HTML 1Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 2Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 3Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 4Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 5Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 6Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 7Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 8Page - Texas Instruments 74CBT16233DGGRE4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SN74CBT16233
16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SCDS010K – MAY 1995 – REVISED NOVEMBER 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
4.75
5.25
V
VIH
High-level control input voltage
2
V
VIL
Low-level control input voltage
0.8
V
TA
Operating free-air temperature
–40
85
°C
NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = –18 mA
–1.2
V
II
VCC = 0,
VI = 5.25 V
10
µA
II
VCC = 5.25 V,
VI = 5.25 V or GND
±1
µA
ICC
VCC = 5.25 V,
IO = 0,
VI = VCC or GND
3
µA
∆ICC‡
Control inputs
VCC = 5.25 V,
One input at 3.4 V,
Other inputs at VCC or GND
2.5
mA
Ci
Control inputs
VI = 3 V or 0
4.5
pF
Cio(OFF)
VO = 3 V or 0
4
pF
§
VI =0
II = 64 mA
5
7
ron§
VCC = 4.75 V
VI = 0
II = 30 mA
5
7
VI = 2.4 V,
II = 15 mA
7
12
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
§ Measured by the voltage drop between A and B terminals at the indicated current through the switch. On-state resistance is determined by the
lower of the voltages of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
UNIT
tpd¶
A or B
B or A
0.25
ns
tpd
SEL
A
1.6
5.3
ns
ten
TEST or SEL
B
1.3
5.2
ns
tdis
TEST or SEL
B
1
5.3
ns
¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when
driven by an ideal voltage source (zero output impedance).


Similar Part No. - 74CBT16233DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBT16232DGGRE4 TI-74CBT16232DGGRE4 Datasheet
286Kb / 11P
[Old version datasheet]   SYNCHRONOUS 16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
74CBT16232DGGRG4 TI-74CBT16232DGGRG4 Datasheet
286Kb / 11P
[Old version datasheet]   SYNCHRONOUS 16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - 74CBT16233DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16233 TI-SN74CBT16233 Datasheet
77Kb / 5P
[Old version datasheet]   16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16232DGGR TI-SN74CBT16232DGGR Datasheet
286Kb / 11P
[Old version datasheet]   SYNCHRONOUS 16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16232 TI-SN74CBT16232 Datasheet
68Kb / 5P
[Old version datasheet]   SYNCHRONOUS 16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Hitachi Semiconductor
HD74CBT3257 HITACHI-HD74CBT3257 Datasheet
102Kb / 11P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257 Datasheet
361Kb / 12P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com