Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16215GRRET12 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 16215GRRET12
Description  16 Character by 2 Line Alphanumeric LCD Assembly With COG Controller No internal backlight assembly
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16215GRRET12 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 16215GRRET12 Datasheet HTML 6Page - List of Unclassifed Manufacturers 16215GRRET12 Datasheet HTML 7Page - List of Unclassifed Manufacturers 16215GRRET12 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16215GRRET12 Datasheet HTML 9Page - List of Unclassifed Manufacturers 16215GRRET12 Datasheet HTML 10Page - List of Unclassifed Manufacturers 16215GRRET12 Datasheet HTML 11Page - List of Unclassifed Manufacturers 16215GRRET12 Datasheet HTML 12Page - List of Unclassifed Manufacturers 16215GRRET12 Datasheet HTML 13Page - List of Unclassifed Manufacturers 16215GRRET12 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16215
4. RELIABILITY
4. RELIABILITY
Environmental Test
Environmental Test
No
.
Test Item
Content of Test
Test Condition
Applicable
Standard
1
High temperature
storage
Endurance test applying the high storage
temperature for a long time.
80
°C
200 hrs
------
2
Low temperature
storage
Endurance test applying the low storage
temperature for a long time.
-30
°C
200 hrs
------
3
High temperature
operation
Endurance test applying the electric stress
(Voltage & Current) and the thermal stress to
the element for a long time.
70
°C
200 hrs
------
4
Low temperature
operation
Endurance test applying the electric stress
under low temperature for a long time.
-20
°C
200 hrs
------
5
High temperature
/
Humidity storage
Endurance test applying the high temperature
and high humidity storage for a long time.
80
°C , 90 %RH
96 hrs
MIL-202E-103B
JIS-C5023
6
High temperature
/
Humidity operation
Endurance test applying the electric stress
(Voltage & Current) and temperature
/ humidity
stress to the element for a long time.
70
°C , 90 %RH
96 hrs
MIL-202E-103B
JIS-C5023
7
Temperature cycle
Endurance test applying the low and high
temperature cycle.
-20
°C / 70°C
10 cycles
------
Mechanical Test
8
Vibration test
Endurance test applying the vibration during
transportation and using.
10
∼22Hz → 1.5mmp-p
22
∼500Hz → 1.5G
Total 0.5hrs
MIL-202E-201A
JIS-C5025
JIS-C7022-A-10
9
Shock test
Constructional and mechanical endurance test
applying the shock during transportation.
50G Half sign
wave 1l msec
3 times of each direction
MIL-202E-213B
10
Atmospheric
pressure test
Endurance test applying the atmospheric
pressure during transportation by air.
115 mbar
40 hrs
MIL-202E-105C
Others
11
Static electricity test
Endurance test applying the electric stress to the
terminal.
VS=800V , RS=1.5 k
Ω
CS=100 pF
1 time
MIL-883B-
3015.1
25
°C
5min.
1
70
°C
30min.
-20
°C
30min.
∗∗∗ Supply voltage for logic system = VDD. Supply voltage for LCD system = Operating voltage at 25°C
LCD Panel Service Life
Definition of panel service life
100,000 hours minimum at 25° C ±10%
Contrast becomes 30% of initial value
Current consumption becomes three times higher than initial value
Remarkable alignment deterioration occurs in LCD cell layer
Unusual operation occurs in display functions
PACIFIC DISPLAY DEVICES
09.29.2003
11


Similar Part No. - 16215GRRET12

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
16215 TURCK-16215 Datasheet
469Kb / 3P
   Inductive Sensor – With Selective Behaviour
11/07/2023
logo
PHOENIX CONTACT
1621517 PHOENIX-1621517 Datasheet
363Kb / 9P
   Cable connector - SH-8ESC58A8LDLS
02/04/2022
logo
Festo Corporation.
162152 FESTO-162152 Datasheet
86Kb / 1P
   Dual piston rod cylinder
logo
PHOENIX CONTACT
1621521 PHOENIX-1621521 Datasheet
362Kb / 9P
   Cable connector - SH-8ESC58A8LB3S
02/04/2022
1621522 PHOENIX-1621522 Datasheet
743Kb / 18P
   SH-8ESC58A8LB2S - Cable connector
More results

Similar Description - 16215GRRET12

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
20215 DBLECTRO-20215 Datasheet
202Kb / 1P
   20 Character by 2 Line Alphanumeric LCD Assembly With COG Controller No internal backlight assembly, must be external
logo
List of Unclassifed Man...
16244 ETC2-16244 Datasheet
223Kb / 16P
   16 Character by 2 Line Alphanumeric LCD Assembly With Embedded Controller
logo
New Japan Radio
NJU6635 NJRC-NJU6635 Datasheet
391Kb / 33P
   16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6420B NJRC-NJU6420B Datasheet
1Mb / 38P
   16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
logo
Rohm
RCM2122R ROHM-RCM2122R Datasheet
112Kb / 10P
   16 character 횞 1 line COG module
logo
Hantronix,Inc
HDM16116L-7 HANTRONIX-HDM16116L-7 Datasheet
28Kb / 1P
   16 Character x 1 Line Large Character, LED Backlight
logo
New Japan Radio
NJU6470 NJRC-NJU6470 Datasheet
1Mb / 33P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER WITH KEYSCAN
logo
Hantronix,Inc
HDM16116L-H HANTRONIX-HDM16116L-H Datasheet
29Kb / 1P
   16 Character x 1 Line LED Backlight
logo
New Japan Radio
NJU6631A NJRC-NJU6631A Datasheet
458Kb / 32P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6464 NJRC-NJU6464 Datasheet
1Mb / 41P
   16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com