Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1234ETI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1234ETI
Description  ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1234ETI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1234ETI Datasheet HTML 2Page - Maxim Integrated Products MAX1234ETI Datasheet HTML 3Page - Maxim Integrated Products MAX1234ETI Datasheet HTML 4Page - Maxim Integrated Products MAX1234ETI Datasheet HTML 5Page - Maxim Integrated Products MAX1234ETI Datasheet HTML 6Page - Maxim Integrated Products MAX1234ETI Datasheet HTML 7Page - Maxim Integrated Products MAX1234ETI Datasheet HTML 8Page - Maxim Integrated Products MAX1234ETI Datasheet HTML 9Page - Maxim Integrated Products MAX1234ETI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
±15kV ESD-Protected Touch-Screen
Controllers Include DAC and Keypad Controller
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(DVDD = AVDD = +2.7V to +3.6V (MAX1233), DVDD = AVDD = +4.75V to +5.25V (MAX1234), external reference VREF = 2.5V
(MAX1233), VREF = 4.096V (MAX1234); fSCLK = 10MHz, fSAMPLE = 50ksps, 12-bit mode, 0.1µF capacitor at REF, TA = -40°C to
+85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Note 8:
The offset value extrapolated from the range over which the INL is guaranteed.
Note 9:
Output settling time is measured by stepping from code 5 to 255, and from code 255 to 5.
Note 10: Actual output voltage at full scale is 255/256
× VREFDAC.
Note 11: Resistance is open when configured as GPIO or in shutdown.
Note 12: AVDD and DVDD should not differ by more than 300mV.
Note 13: When configured as GPIO.
SCLK
DIN
DOUT
NOTE: TIMING NOT TO SCALE.
R_/C_
CS
tCL
tDH
tDV
tDS
tCH
tCSS
tCP
tCSH
tCSW
tCSH
tCSS
tDOD
tDOV
tGPO
Timing Diagram


Similar Part No. - MAX1234ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1234ETI MAXIM-MAX1234ETI Datasheet
385Kb / 44P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 4; 3/08
More results

Similar Description - MAX1234ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1233 MAXIM-MAX1233_08 Datasheet
385Kb / 44P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 4; 3/08
MAX1233 MAXIM-MAX1233 Datasheet
706Kb / 44P
   짹15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
19-2512; Rev 1; 9/03
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com