Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8438 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A8438
Description  Photoflash Capacitor Charger with IGBT Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8438 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A8438_06 Datasheet HTML 1Page - Allegro MicroSystems A8438_06 Datasheet HTML 2Page - Allegro MicroSystems A8438_06 Datasheet HTML 3Page - Allegro MicroSystems A8438_06 Datasheet HTML 4Page - Allegro MicroSystems A8438_06 Datasheet HTML 5Page - Allegro MicroSystems A8438_06 Datasheet HTML 6Page - Allegro MicroSystems A8438_06 Datasheet HTML 7Page - Allegro MicroSystems A8438_06 Datasheet HTML 8Page - Allegro MicroSystems A8438_06 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
To IGBT Gate
k
COUT
VOUT
D1
T1
R1
R2
R3
R4
100 k
R5
10
One Li+ battery
or 3.0 to 5.5 V
VBATT
C2
4.7 μF
C1
0.1 μF
2.0 A
1.8 A (N.C.)
1.6 A
A8438
GND
FB
SW
IGBTDRV
VIN
10 k
R6
10 k
R7
CHARGE
TRIGGER
DONE
ILIM
Approximate Scale 1:1
Figure 1. Typical circuit with separate power supply to transformer
Figure 2. Typical circuit with single power supply
2.0 A
1.8 A (N.C.)
1.6 A
To IGBT Gate
k
COUT
VOUT
D1
T1
R1
R2
R3
R4
100 k
R5
10
VBATT
Two Alkaline/NiMH/NiCAD or one Li+ battery
or 1.5 to 5.5 V
VBIAS 3.0 to 5.5 V
C2
4.7 μF
C1
0.1 μF
A8438
GND
FB
SW
IGBTDRV
VIN
10 k
R6
10 k
R7
CHARGE
TRIGGER
DONE
ILIM
A8438-DS, Rev. 2
Description
The A8438 is a highly integrated IC that charges photoflash
capacitors for digital and film cameras. It also features an
integrated IGBT driver that facilitates the flash discharge
function and saves board space.
To charge the photoflash capacitor, the A8438 integrates a
40 V, DMOS switch that drives the transformer in a flyback
topology, allowing optimized design with tight coupling and
high efficiency. A proprietary control scheme optimizes the
capacitor charging time. Low quiescent current and low
shutdown current further improve system efficiency and
extend battery life.
Three levels of switch current limit are provided: 1.6, 1.8,
and 2.0 A. The level is determined by configuring the ILIM
pin as grounded, floating, or pulled up to IC supply voltage,
respectively.
The CHARGE pin enables the A8438 and starts the charging
of the output capacitor. When the designated output voltage
is reached, the A8438 stops the charging until the CHARGE
pin is toggled again. Pulling the CHARGE pin low stops
charging. The ¯D¯¯O¯¯N¯¯E¯ pin is an open-drain indicator of when
the designated output voltage is reached.
TheA8438canbeusedwithtwoAlkaline/NiMH/NiCADorone
single-cell Li+ battery connected to the transformer primary.
Connect the VIN pin to a 3.0 to 5.5 V supply, which can be
either the system rail or the Li+ battery, if used.
The A8438 is available in a very low profile (0.75 mm) 10-
terminal 3×3 mm MLP/TDFN package, making it ideal for
space-constrained applications. It is lead (Pb) free, with 100%
matte-tin leadframe plating.
Features and Benefits
▪ Power with 1 Li+ or 2 Alkaline/NiMH/NiCAD batteries
▪ Adjustable output voltage
▪ >75% efficiency
▪ Three levels of switch current limit: 1.6, 1.8, 2.0 A
▪ Fast charge time
▪ Charge complete indication
▪ Integrated IGBT driver with trigger
▪ No primary-side Schottky diode needed
▪ Low-profile package (0.75 mm nominal height)
Photoflash Capacitor Charger with IGBT Driver
A8438
Package: 10 pin TDFN/MLP (suffix EJ)
Typical Applications


Similar Part No. - A8438_06

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8438EEJTR-T ALLEGRO-A8438EEJTR-T Datasheet
528Kb / 13P
   Photoflash Capacitor Charger with IGBT Driver
A8438EEJTR-T ALLEGRO-A8438EEJTR-T Datasheet
550Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438_13 Datasheet
550Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
More results

Similar Description - A8438_06

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8438 ALLEGRO-A8438 Datasheet
528Kb / 13P
   Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438_13 Datasheet
550Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
A8837 ALLEGRO-A8837 Datasheet
426Kb / 11P
   Photoflash Capacitor Charger with IGBT Driver
A8436 ALLEGRO-A8436 Datasheet
702Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver
logo
Richtek Technology Corp...
RT9591 RICHTEK-RT9591 Datasheet
298Kb / 13P
   Smart Photoflash Capacitor Charger with IGBT Driver
logo
Allegro MicroSystems
A8426EESTR-T ALLEGRO-A8426EESTR-T Datasheet
445Kb / 16P
   High Performance Photoflash Capacitor Charger with IGBT Driver
A8439 ALLEGRO-A8439 Datasheet
567Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver and Refresh
A8437ECGLT ALLEGRO-A8437ECGLT Datasheet
644Kb / 22P
   Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
logo
Richtek Technology Corp...
RT9595 RICHTEK-RT9595 Datasheet
153Kb / 9P
   MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
RT9594A RICHTEK-RT9594A Datasheet
219Kb / 10P
   MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com