Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8438 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A8438
Description  Photoflash Capacitor Charger with IGBT Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8438 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A8438_06 Datasheet HTML 1Page - Allegro MicroSystems A8438_06 Datasheet HTML 2Page - Allegro MicroSystems A8438_06 Datasheet HTML 3Page - Allegro MicroSystems A8438_06 Datasheet HTML 4Page - Allegro MicroSystems A8438_06 Datasheet HTML 5Page - Allegro MicroSystems A8438_06 Datasheet HTML 6Page - Allegro MicroSystems A8438_06 Datasheet HTML 7Page - Allegro MicroSystems A8438_06 Datasheet HTML 8Page - Allegro MicroSystems A8438_06 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Photoflash Capacitor Charger with IGBT Driver
A8438
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
ELECTRICAL CHARACTERISTICS Typical values at TA = 25°C and VIN = 3.3 V (unless otherwise noted)
Characteristics
Symbol
Test Conditions
Min.
Typ. Max. Units
Supply Voltage*
VIN
3
5.5
V
Supply Current
IIN
Charging
5
mA
Charging done
1
10
μA
Shutdown (VCHARGE= 0 V, VTRIGGER= 0 V)
0.01
1
μA
Primary Side Current Limit
ISWLIM
VILIM < 1.0 V
1.6
A
ILIM pin floating
1.6
1.8
2.0
A
VILIM > VIN – 1.3 V
2.0
A
SW On Resistance
RDS(On)SW
VIN = 3.3 V, ID = 800 mA, TA = 25°C
0.27
Ω
SW Leakage Current*
ISWLKG
VSW = 35 V
0.2
1
μA
SW Maximum Off-Time
tOFF(Max)
–18–
μs
SW Maximum On-Time
tON(Max)
–18–
μs
CHARGE Input Current
ICHARGE
VCHARGE = VIN
––1
μA
CHARGE Input Voltage*
VCHARGE(H)
2––
V
VCHARGE(L)
0.8
V
¯D¯¯O¯¯N¯¯E¯ Output Leakage Current*
IDONELKG
––1
μA
¯D¯¯O¯¯N¯¯E¯ Output Low Voltage*
VDONE(L)
32 μA into ¯D¯¯O¯¯N¯¯E¯ pin
100
mV
FB Voltage Threshold*
VFB
1.187 1.205 1.223
V
FB Input Current
IFB
VFB = 1.205 V
–120
nA
UVLO Enable Threshold
VUVLO
VIN rising
2.55
2.65
2.75
V
UVLO Hysteresis
VUVLOHYS
150
mV
IGBT Driver
IGBTDRV On Resistance to VIN
RDS(On)I-V
VIN = 3.3 V, VIGBTDRV= 1.5 V
5
Ω
IGBTDRV On Resistance to GND
RDS(On)I-G
VIN = 3.3 V, VIGBTDRV= 1.5 V
6
Ω
TRIGGER Input Current
ITRIGGER
VTRIGGER = VIN
––1
μA
TRIGGER Input Voltage*
VTRIGGER(H)
2––
V
VTRIGGER(L)
0.8
V
Propagation Delay, Rising
tDr
Rgate=12 Ω, CLOAD = 6500 pF, VIN = 3.3 V
30
ns
Propagation Delay, Falling
tDf
Rgate=12 Ω, CLOAD = 6500 pF, VIN = 3.3 V
30
ns
Output Rise Time
tr
Rgate=12 Ω, CLOAD = 6500 pF, VIN = 3.3 V
70
ns
Output Fall Time
tf
Rgate=12 Ω, CLOAD = 6500 pF, VIN = 3.3 V
70
ns
*Guaranteed by design and characterization over operating temperature range, –40°C to 85°C.


Similar Part No. - A8438_06

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8438EEJTR-T ALLEGRO-A8438EEJTR-T Datasheet
528Kb / 13P
   Photoflash Capacitor Charger with IGBT Driver
A8438EEJTR-T ALLEGRO-A8438EEJTR-T Datasheet
550Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438_13 Datasheet
550Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
More results

Similar Description - A8438_06

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8438 ALLEGRO-A8438 Datasheet
528Kb / 13P
   Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438_13 Datasheet
550Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
A8837 ALLEGRO-A8837 Datasheet
426Kb / 11P
   Photoflash Capacitor Charger with IGBT Driver
A8436 ALLEGRO-A8436 Datasheet
702Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver
logo
Richtek Technology Corp...
RT9591 RICHTEK-RT9591 Datasheet
298Kb / 13P
   Smart Photoflash Capacitor Charger with IGBT Driver
logo
Allegro MicroSystems
A8426EESTR-T ALLEGRO-A8426EESTR-T Datasheet
445Kb / 16P
   High Performance Photoflash Capacitor Charger with IGBT Driver
A8439 ALLEGRO-A8439 Datasheet
567Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver and Refresh
A8437ECGLT ALLEGRO-A8437ECGLT Datasheet
644Kb / 22P
   Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
logo
Richtek Technology Corp...
RT9595 RICHTEK-RT9595 Datasheet
153Kb / 9P
   MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
RT9594A RICHTEK-RT9594A Datasheet
219Kb / 10P
   MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com