Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC273M Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74VHC273M
Description  Octal D-Type Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC273M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHC273M Datasheet HTML 1Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 6Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 7Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 8Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: Parameter guaranteed by design tOSLH
|tPLHmax  tPLHmin|; tOSHL
|tPHLmax  tPHLmin|.
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained from the equation: ICC (opr.) CPD * VCC * fIN  ICC/8 (per F/F). The total CPD when n pieces of the Flip-Flop operates can
be calculated by the equation: CPD (total) 22  9n.
AC Operating Requirements
Note 6: VCC is 3.3 r 0.3V or 5.0 r 0.5V
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
3.3
r 0.3
75
120
65
MHz
CL 15 pF
Frequency
50
75
45
CL 50 pF
5.0
r 0.5
120
165
100
MHz
CL 15 pF
80
110
70
CL 50 pF
tPLH
Propagation Delay
3.3
r 0.3
8.7
13.6
1.0
16.0
ns
CL 15 pF
tPHL
Time (CK - Q)
11.2
17.1
1.0
19.5
CL 50 pF
5.0
r 0.5
5.8
9.0
1.0
10.5
ns
CL 15 pF
7.3
11.0
1.0
12.5
CL 50 pF
tPHL
Propagation Delay
3.3
r 0.3
8.9
13.6
1.0
16.0
ns
CL 15 pF
Time (MR - Q)
11.4
17.1
1.0
19.5
CL 50 pF
5.0
r 0.5
5.2
8.5
1.0
10.0
ns
CL 15 pF
6.7
10.5
1.0
12.0
CL 50 pF
tOSLH
Output to
3.3
r 0.3
1.5
1.5
ns
(Note 4)
CL 50 pF
tOSHL
Output Skew
5.0
r 0.5
1.0
1.0
CL 50 pF
CIN
Input Capacitance
4.0
10.0
10.0
pF
VCC Open
CPD
Power Dissipation
31
pF
(Note 5)
Capacitance
Symbol
Parameter
VCC
(V)
(Note 6)
TA 25qCTA 40qC to 85qC
Units
Typ
Guaranteed Minimum
tW(L)
Minimum Pulse Width (CK)
3.3
5.5
6.5
ns
tW(H)
5.0
5.0
5.0
tW(L)
Minimum Pulse Width (MR)
3.3
5.0
6.0
ns
5.0
5.0
5.0
tS
Minimum Setup Time
3.3
5.5
6.5
ns
5.0
4.5
4.5
tH
Minimum Hold Time
3.3
1.0
1.0
ns
5.0
1.0
1.0
tREC
Minimum Removal Time (MR)
3.3
2.5
2.5
ns
5.0
2.0
2.0


Similar Part No. - 74VHC273M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC273M STMICROELECTRONICS-74VHC273M Datasheet
72Kb / 10P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
October 1999
logo
Fairchild Semiconductor
74VHC273M FAIRCHILD-74VHC273M Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
74VHC273M FAIRCHILD-74VHC273M Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
logo
ON Semiconductor
74VHC273M ONSEMI-74VHC273M Datasheet
717Kb / 15P
   Octal D-Type Flip-Flop
April 2007 Rev. 1.5
logo
Fairchild Semiconductor
74VHC273MTC FAIRCHILD-74VHC273MTC Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
More results

Similar Description - 74VHC273M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
   Octal D-type flip-flop
1991 Feb 08
logo
National Semiconductor ...
54ABT273 NSC-54ABT273 Datasheet
145Kb / 8P
   Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
74AC273 FAIRCHILD-74AC273_08 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com