Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6928TQ1TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6928TQ1TR
Description  High efficiency monolithic synchronous step down regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6928TQ1TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6928TQ1TR Datasheet HTML 6Page - STMicroelectronics L6928TQ1TR Datasheet HTML 7Page - STMicroelectronics L6928TQ1TR Datasheet HTML 8Page - STMicroelectronics L6928TQ1TR Datasheet HTML 9Page - STMicroelectronics L6928TQ1TR Datasheet HTML 10Page - STMicroelectronics L6928TQ1TR Datasheet HTML 11Page - STMicroelectronics L6928TQ1TR Datasheet HTML 12Page - STMicroelectronics L6928TQ1TR Datasheet HTML 13Page - STMicroelectronics L6928TQ1TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Operation description
L6928
10/16
4.3
Slope compensation
In current mode architectures, when the duty cycle of the application is higher than
approximately 50%, a pulse-by-pulse instability (the so called sub harmonic oscillation) can
occur.
To allow loop stability also in these conditions a slope compensation is present. This is
realized by reducing the current flowing through the inductor necessary to trigger the COMP
comparator (with a fixed value for the COMP pin voltage).
With a given duty cycle higher than 50%, the stability problem is particularly present with an
higher input voltage (due to the increased current ripple across the inductor), so the slope
compensation effect increases as the input voltage increases.
From an application point of view, the final effect is that the peak current limit depends both
on the duty cycle (if higher than approximately 40%) and on the input voltage.
4.4
Loop stability
Since the device is realized with a current mode architecture, the loop stability is usually not
a big issue. For most of the application a 220pF connected between the COMP pin and
ground is enough to guarantee the stability. In case very low ESR capacitors are used for
the output filter, such as multilayer ceramic capacitors, the zero introduced by the capacitor
itself can shift at very high frequency and the transient loop response could be affected.
Adding a series resistor to the 220pF capacitor can solve this problem.
The right value for the resistor (in the range of 50K) can be determined by checking the load
transient response of the device. Basically, the output voltage has to be checked at the
scope after the load steps required by the application. In case of stability problems, the
output voltage could oscillates before to reach the regulated value after a load step.


Similar Part No. - L6928TQ1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6928 STMICROELECTRONICS-L6928 Datasheet
194Kb / 16P
   High efficiency monolithic synchronous step down regulator
L6928D STMICROELECTRONICS-L6928D Datasheet
197Kb / 9P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
February 2005 Rev. 2
L6928D STMICROELECTRONICS-L6928D Datasheet
264Kb / 16P
   High efficiency monolithic synchronous step down regulator
L6928D STMICROELECTRONICS-L6928D Datasheet
194Kb / 16P
   High efficiency monolithic synchronous step down regulator
L6928D013TR STMICROELECTRONICS-L6928D013TR Datasheet
197Kb / 9P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
February 2005 Rev. 2
More results

Similar Description - L6928TQ1TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926 STMICROELECTRONICS-L6926_06 Datasheet
203Kb / 17P
   High efficiency monolithic synchronous step down regulator
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 5P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
   High efficiency monolithic synchronous step down regulator
L6925D STMICROELECTRONICS-L6925D_04 Datasheet
57Kb / 6P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
logo
Linear Technology
LTC1877 LINER-LTC1877 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926 STMICROELECTRONICS-L6926_08 Datasheet
260Kb / 16P
   High efficiency monolithic synchronous step down regulator
logo
Linear Technology
LTC1878 LINER-LTC1878_15 Datasheet
239Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926D STMICROELECTRONICS-L6926D Datasheet
90Kb / 8P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
L6928D STMICROELECTRONICS-L6928D Datasheet
197Kb / 9P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
February 2005 Rev. 2
L6926 STMICROELECTRONICS-L6926 Datasheet
119Kb / 11P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com