Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3001D1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3001D1
Description  20-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3001D1 Datasheet(HTML) 1 Page - Texas Instruments

  TPA3001D1 Datasheet HTML 1Page - Texas Instruments TPA3001D1 Datasheet HTML 2Page - Texas Instruments TPA3001D1 Datasheet HTML 3Page - Texas Instruments TPA3001D1 Datasheet HTML 4Page - Texas Instruments TPA3001D1 Datasheet HTML 5Page - Texas Instruments TPA3001D1 Datasheet HTML 6Page - Texas Instruments TPA3001D1 Datasheet HTML 7Page - Texas Instruments TPA3001D1 Datasheet HTML 8Page - Texas Instruments TPA3001D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
0
10
20
30
40
50
60
70
80
90
0
4
8
12
16
20
PO − Output Power − W
EFFICIENCY
vs
OUTPUT POWER
4
8
5
7
9
11
13
15
17
19
21
3.6 4
5
6
7
8
9
10
VCC = 18 V
VCC = 15 V
VCC = 12 V
TA = 25°C,
10% THD Maximum
RL − Load Impedance − Ω
MAXIMUM OUTPUT POWER
vs
LOAD IMPEDANCE
VCC = 18 V
TPA3001D1
SLOS398C – DECEMBER 2002 – REVISED JULY 2006
20-W MONO CLASS-D AUDIO POWER AMPLIFIER
20 W Into 8-
Ω Load From 18-V Supply (10%
The
TPA3001D1
(sometimes
referred
to
as
THD+N)
TPA3001) is a 20-W mono bridge-tied load (BTL)
class-D audio power amplifier (class-D amp) with
Short Circuit Protection (Short to VCC, Short
high efficiency, eliminating the need for heat sinks.
to GND, Short Between Outputs)
The TPA3001D1 (TPA3001) can drive 4-
Ω or 8-Ω
Third-Generation Modulation Technique:
speakers with only a ferrite bead filter required to
– Replaces Large LC Filter With Small,
reduce EMI.
Low-Cost Ferrite Bead Filter in Most
The gain of the amplifier is controlled by two input
Applications
terminals, GAIN1 and GAIN0. This allows the
– Improved Efficiency
amplifier to be configured for a gain of 12, 18, 23.6,
and 36 dB. The differential input stage provides high
– Improved SNR
common mode rejection and improved power supply
Low Supply Current: 8 mA Typ at 12 V
rejection.
Shutdown Control: < 1
µA Typ
The amplifier also includes depop circuitry to reduce
Space-Saving, Thermally-Enhanced
the amount of pop at power-up and when cycling
PowerPAD™ Packaging
SHUTDOWN.
The TPA3001D1 (TPA3001) is available in the 24-pin
thermally enhanced TSSOP package (PWP) which
LCD Monitors/TVs
eliminates the need for an external heat sink.
Hands-Free Car Kits
Powered Speakers
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA3001D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1PWP TI-TPA3001D1PWP Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_15 Datasheet
768Kb / 30P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3001D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_15 Datasheet
768Kb / 30P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com