Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2008D2 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA2008D2
Description  3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2008D2 Datasheet(HTML) 5 Page - Texas Instruments

  TPA2008D2_07 Datasheet HTML 1Page - Texas Instruments TPA2008D2_07 Datasheet HTML 2Page - Texas Instruments TPA2008D2_07 Datasheet HTML 3Page - Texas Instruments TPA2008D2_07 Datasheet HTML 4Page - Texas Instruments TPA2008D2_07 Datasheet HTML 5Page - Texas Instruments TPA2008D2_07 Datasheet HTML 6Page - Texas Instruments TPA2008D2_07 Datasheet HTML 7Page - Texas Instruments TPA2008D2_07 Datasheet HTML 8Page - Texas Instruments TPA2008D2_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
DISSIPATION RATINGS TABLE
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA2008D2
SLOS413C – JULY 2003 – REVISED MAY 2004
PACKAGE
TA≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PWP
2.18 W
21.8 mW/
°C
1.2 W
872 mW
MIN
MAX
UNIT
VDD
Supply voltage
4.5
5.5
V
Volume terminal voltage
0
VDD
V
VIH
High-level input voltage
SHUTDOWN
2
V
VIL
Low-level input voltage
SHUTDOWN
0.8
V
PWM frequency
200
300
kHz
TA
Operating free-air temperature
-40
85
°C
TJ
Operating junction temperature
125
°C
T
A= 25°C, VDD = PVDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
| VOS |
Output offset voltage (measured differentially)
VI = 0 V, AV = 20 dB, RL = 8Ω
5
25
mV
PSRR
Power supply rejection ratio
VDD = PVDD = 4.5 V to 5.5 V
-70
dB
| IIH |
High-level input current
VDD = PVDD = 5.5 V, VI= VDD = PVDD
1
µA
| IIL |
Low-level input current
VDD = PVDD = 5.5 V, VI = 0 V
1
µA
IDD
Supply current
No filter (no load)
7
15
mA
IDD(max)
RMS supply current at max power
RL = 3 Ω, PO = 2.5 W/channel (stereo)
1.8
A
IDD(SD)
Supply current in shutdown mode
SHUTDOWN = 0 V
50
1000
nA
High side
450
600
VDD = 5 V, IO = 500 mA,
rds(on)
Drain-source on-state resistance
m
TJ= 25°C
Low side
450
600
T
A= 25°C, VDD = PVDD = 5 V, RL = 3 Ω, Gain = 0 dB (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
THD+N = 1%
2.5
f = 1 kHz, RL = 3 Ω, Stereo
PO
Output power
W
operation
THD+N = 10%
3
PO = 2.2 W, f = 20 Hz to 20 kHz
<0.3%
THD+N
Total harmonic distortion plus noise
PO = 1.5 W, f = 1 kHz
0.045%
BOM
Maximum output power bandwidth
THD = 5%
20
kHz
SNR
Signal-to-noise ratio
Maximum output at THD+N <0.5%
96
dB
Thermal trip point
150
°C
Thermal hysteresis
20
°C
Volume = 0 dB
42
20 Hz to 20 kHz, inputs ac
Vn
Integrated noise floor
µVrms
grounded
Volume = 20 dB
85
5


Similar Part No. - TPA2008D2_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TPA2008D2_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA2008 EUTECH-EUA2008 Datasheet
178Kb / 1P
   3-W Stereo Class-D Audio Amplifier with 32-Step DC Volume Control
logo
Texas Instruments
TPA3003D2 TI-TPA3003D2_06 Datasheet
511Kb / 34P
[Old version datasheet]   3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com