Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2000D2 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPA2000D2
Description  2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA2000D2_07 Datasheet HTML 3Page - Texas Instruments TPA2000D2_07 Datasheet HTML 4Page - Texas Instruments TPA2000D2_07 Datasheet HTML 5Page - Texas Instruments TPA2000D2_07 Datasheet HTML 6Page - Texas Instruments TPA2000D2_07 Datasheet HTML 7Page - Texas Instruments TPA2000D2_07 Datasheet HTML 8Page - Texas Instruments TPA2000D2_07 Datasheet HTML 9Page - Texas Instruments TPA2000D2_07 Datasheet HTML 10Page - Texas Instruments TPA2000D2_07 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
0.01
0.1
1
10
10 m
100 m
1
2
3
PO − Output Power − W
VDD = 5 V
Gain = 23.5 dB
RL = 3 Ω
1 kHz
20 kHz
20 Hz
1 kHz
20 kHz
20 Hz
VDD = 5 V
Gain = 23.5 dB
RL = 4 Ω
0.1
0.01
10 m
100 m
1
10
1
2
3
PO − Output Power − W
1 kHz
0.1
0.01
10 m
100 m
1
10
1
2
PO − Output Power − W
VDD = 5 V
Gain = 23.5 dB
RL = 8 Ω
20 Hz
20 kHz
0.1
0.01
20
100
1 k
f − Frequency − Hz
10
10 k 20 k
0.2 W
0.75 W
1.5 W
VDD = 5 V
Gain = 23.5 dB
RL = 4 Ω
1
TPA2000D2
SLOS291F – MARCH 2000 – REVISED MARCH 2007
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 5.
Figure 6.
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
vs
OUTPUT POWER
FREQUENCY
Figure 7.
Figure 8.
7
Submit Documentation Feedback


Similar Part No. - TPA2000D2_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D2PWP TI-TPA2000D2PWP Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2000D2_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
   2 W Filterless Class-D Stereo Audio Amplifier
Rev. PrD
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
SSM3302 AD-SSM3302_13 Datasheet
851Kb / 20P
   2 횞10 W Filterless Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2001D2 TI-TPA2001D2_06 Datasheet
209Kb / 14P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2 TI-TPA2001D2 Datasheet
180Kb / 13P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com