Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA1517DWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA1517DWPR
Description  6-W STEREO AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA1517DWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPA1517DWPR Datasheet HTML 1Page - Texas Instruments TPA1517DWPR Datasheet HTML 2Page - Texas Instruments TPA1517DWPR Datasheet HTML 3Page - Texas Instruments TPA1517DWPR Datasheet HTML 4Page - Texas Instruments TPA1517DWPR Datasheet HTML 5Page - Texas Instruments TPA1517DWPR Datasheet HTML 6Page - Texas Instruments TPA1517DWPR Datasheet HTML 7Page - Texas Instruments TPA1517DWPR Datasheet HTML 8Page - Texas Instruments TPA1517DWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
TPA1517
SLOS162D – MARCH 1997 – REVISED FEBRUARY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Terminal Functions
TERMINAL
I/O
DESCRIPTION
DWP
NE
NAME
NO.
NO.
IN1
2
1
I
IN1 is the audio input for channel 1.
SGND
4
2
I
SGND is the input signal ground reference.
SVRR
5
3
SVRR is the midrail bypass.
OUT1
7, 8
4
O
OUT1 is the audio output for channel 1.
PGND
9, 12
5
PGND is the power ground reference.
OUT2
13, 14
6
O
OUT2 is the audio output for channel 2.
VCC
16
7
I
VCC is the supply voltage input.
M/SB is the mute/standby mode enable. When held at less than 2 V, this signal enables the
M/SB
17
8
I
TPA1517 for standby operation. When held between 3.5 V and 8.2 V, this signal enables the
TPA1517 for mute operation. When held above 9.3 V, the TPA1517 operates normally.
IN2
19
9
I
IN2 in the audio input for channel 2.
1, 10,
GND/HS are the ground and heatsink connections. All GND/HS terminals are connected directly to
GND/HS
10-20
11, 20
the mount pad for thermal-enhanced operation.
over operating free-air temperature range (unless otherwise noted)
UNIT
VCC
Supply voltage
22 V
VI
Input voltage (IN1, IN2)
22 V
Internally limited
Continuous total power dissipation
(See Dissipation Rating Table)
TA
Operating free-air temperature range
-40
°C to 85°C
TJ
Operating junction temperature range
-40
°C to 150°C
Tstg
Storage temperature range
-65
°C to 85°C
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
DWP(1)
2.94 W
23.5 mW/
°C
1.88 W
1.53 W
NE(1)
2.85 W
22.8 mW/
°C
1.82 W
1.48 W
(1)
See the Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report (literature number SLMA002), for
more information on the PowerPAD package. The thermal data was measured on a PCB layout based on the information in the section
entitled Texas Instruments Recommended Board for PowerPAD on page 33 of the before mentioned document.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
9.5
18
V
TA
Operating free-air temperature
-40
85
°C
2
Submit Documentation Feedback


Similar Part No. - TPA1517DWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA1517DWPR TI1-TPA1517DWPR Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWPRG4 TI1-TPA1517DWPRG4 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA1517DWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com