Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA751DGN Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA751DGN
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA751DGN Datasheet(HTML) 1 Page - Texas Instruments

  TPA751DGN Datasheet HTML 1Page - Texas Instruments TPA751DGN Datasheet HTML 2Page - Texas Instruments TPA751DGN Datasheet HTML 3Page - Texas Instruments TPA751DGN Datasheet HTML 4Page - Texas Instruments TPA751DGN Datasheet HTML 5Page - Texas Instruments TPA751DGN Datasheet HTML 6Page - Texas Instruments TPA751DGN Datasheet HTML 7Page - Texas Instruments TPA751DGN Datasheet HTML 8Page - Texas Instruments TPA751DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TPA751
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
WITH DIFFERENTIAL INPUTS
SLOS336C – DECEMBER 2000 – REVISED OCTOBER 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Fully Specified for 3.3-V and 5-V Operation
D Wide Power Supply Compatibility
2.5 V – 5.5 V
D Power Supply Rejection at 217 Hz
– 84 dB at VDD = 5 V
– 81 dB at VDD = 3.3 V
D Output Power for RL = 8 Ω
– 700 mW at VDD = 5 V
– 250 mW at VDD = 3.3 V
D Ultralow Supply Current in Shutdown
Mode . . . 1.5 nA
D Thermal and Short-Circuit Protection
D Surface-Mount Packaging
– SOIC
– PowerPAD
 MSOP
– MicroStar Junior
 (BGA)
description
The TPA751 is a bridge-tied load (BTL) audio power amplifier developed especially for low-voltage applications
where internal speakers are required. Operating with a 3.3-V supply, the TPA751 can deliver 250-mW of
continuous power into a BTL 8-
Ω load at less than 0.6% THD+N throughout voice band frequencies. Although
this device is characterized out to 20 kHz, its operation is optimized for narrower band applications such as
wireless communications. The BTL configuration eliminates the need for external coupling capacitors on the
output in most applications, which is particularly important for small battery-powered equipment. This device
features a shutdown mode for power-sensitive applications with a supply current of 1.5 nA during shutdown.
The TPA751 is available in a 3.0
× 3.0 mm MicroStar Junior (BGA), 8-pin SOIC surface-mount package and
a surface-mount PowerPAD
 MSOP.
Audio
Input
Bias
Control
VDD
700 mW
6
5
7
VO+
VDD
1
2
4
BYPASS
IN –
VDD/2
CI
RI
CS
CB
RF
SHUTDOWN
VO–8
GND
From System Control
3
IN+
+
+
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
SHUTDOWN
BYPASS
IN+
IN–
VO
GND
VDD
VO+
D OR DGN PACKAGE
(TOP VIEW)
(SIDE VIEW)
MicroStar Junior
t (GQS) Package
(TOP VIEW)
SHUTDOWN
VO–
BYPASS
IN+
IN–
GND
VDD
VO+
NOTE: The shaded terminals are used for thermal
connections to the ground plane.
(E2)
(E3)
(E4)
(E5)
(A2)
(A3)
(A4)
(A5)
PowerPAD and MicroStar Junior are trademarks of Texas Instruments.


Similar Part No. - TPA751DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA751DGN TI-TPA751DGN Datasheet
362Kb / 23P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results

Similar Description - TPA751DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA741 TI-TPA741_07 Datasheet
695Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731_07 Datasheet
724Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_15 Datasheet
994Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_15 Datasheet
745Kb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751 Datasheet
362Kb / 23P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731 Datasheet
343Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731_15 Datasheet
1Mb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com