Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA741DGNG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA741DGNG4
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA741DGNG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA741DGNG4 Datasheet HTML 5Page - Texas Instruments TPA741DGNG4 Datasheet HTML 6Page - Texas Instruments TPA741DGNG4 Datasheet HTML 7Page - Texas Instruments TPA741DGNG4 Datasheet HTML 8Page - Texas Instruments TPA741DGNG4 Datasheet HTML 9Page - Texas Instruments TPA741DGNG4 Datasheet HTML 10Page - Texas Instruments TPA741DGNG4 Datasheet HTML 11Page - Texas Instruments TPA741DGNG4 Datasheet HTML 12Page - Texas Instruments TPA741DGNG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.ti.com
−0.5
−1
−1.5
−2
f − Frequency − Hz
−0.25
−0.75
−1.25
−1.75
0
0.5
0.25
0.75
130
°
120
°
140
°
150
°
160
°
VDD = 3.3 V
RL = 8 Ω
PO = 250 mW
1
170
°
180
°
Gain
Phase
101
102
103
104
105
106
10
0
−20
−30
1
20
30
f − Frequency − kHz
80
−10
Gain
Phase
101
102
103
104
50
40
60
70
VDD = 5 V
RL = Open
180
°
−180
°
60
°
−60
°
140
°
100
°
20
°
−20
°
−100
°
−140
°
−0.5
−1
−1.5
−2
f − Frequency − Hz
−0.25
−0.75
−1.25
−1.75
0
0.5
0.25
0.75
130
°
120
°
140
°
150
°
160
°
VDD = 5 V
RL = 8 Ω
PO = 700 mW
1
170
°
180
°
Gain
Phase
101
102
103
104
105
106
f − Frequency − Hz
20
1k
10k
10
1
100
20k
100
VO BTL
VDD = 3.3 V
BW = 22 Hz to 22 kHz
RL = 8 Ω or 32 Ω
AV = −1 V/V
Vo+
TPA741
SLOS316C – JUNE 2000 – REVISED JUNE 2004
OPEN-LOOP GAIN AND PHASE
CLOSED-LOOP GAIN AND PHASE
vs
vs
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
CLOSED-LOOP GAIN AND PHASE
OUTPUT NOISE VOLTAGE
vs
vs
FREQUENCY
FREQUENCY
Figure 18.
Figure 19.
9


Similar Part No. - TPA741DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA741DGN TI-TPA741DGN Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results

Similar Description - TPA741DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA731 TI-TPA731_07 Datasheet
724Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_15 Datasheet
994Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_15 Datasheet
745Kb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751 Datasheet
362Kb / 23P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_07 Datasheet
919Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731 Datasheet
343Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731_15 Datasheet
1Mb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com