Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA741 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPA741
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA741 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA741_07 Datasheet HTML 7Page - Texas Instruments TPA741_07 Datasheet HTML 8Page - Texas Instruments TPA741_07 Datasheet HTML 9Page - Texas Instruments TPA741_07 Datasheet HTML 10Page - Texas Instruments TPA741_07 Datasheet HTML 11Page - Texas Instruments TPA741_07 Datasheet HTML 12Page - Texas Instruments TPA741_07 Datasheet HTML 13Page - Texas Instruments TPA741_07 Datasheet HTML 14Page - Texas Instruments TPA741_07 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
APPLICATION INFORMATION
BRIDGE-TIED LOAD
Power +
V
(rms)
2
R
L
V
(rms) +
V
O(PP)
2 2
(1)
RL
2x VO(PP)
VO(PP)
–VO(PP)
VDD
VDD
fc +
1
2p R
L
C
C
(2)
TPA741
SLOS316C – JUNE 2000 – REVISED JUNE 2004
Figure 23 shows a linear audio power amplifier (APA) in a BTL configuration. The TPA741 BTL amplifier consists
of two linear amplifiers driving both ends of the load. There are several potential benefits to this differential drive
configuration, but initially consider power to the load. The differential drive to the speaker means that as one side
is slewing up, the other side is slewing down, and vice versa. This, in effect, doubles the voltage swing on the
load as compared to a ground referenced load. Plugging 2
× V
O(PP) into the power equation, where voltage is
squared, yields 4
× the output power from the same supply rail and load impedance (see Equation 1).
Figure 23. Bridge-Tied Load Configuration
In a typical portable handheld equipment sound channel operating at 3.3 V, bridging raises the power into an 8-
speaker from a singled-ended (SE, ground reference) limit of 62.5 mW to 250 mW. In sound power that is a 6-dB
improvement, which is loudness that can be heard. In addition to increased power, there are frequency response
concerns. Consider the single-supply, SE configuration shown in Figure 24. A coupling capacitor is required to
block the dc offset voltage from reaching the load. These capacitors can be quite large (approximately 33 µF to
1000 µF), so they tend to be expensive, heavy, occupy valuable PCB area, and have the additional drawback of
limiting low-frequency performance of the system. This frequency-limiting effect is due to the high-pass filter
network created with the speaker impedance and the coupling capacitance and is calculated with Equation 2.
For example, a 68-µF capacitor with an 8-
Ω speaker would attenuate low frequencies below 293 Hz. The BTL
configuration cancels the dc offsets, which eliminates the need for the blocking capacitors. Low-frequency
performance is then limited only by the input network and speaker response. Cost and PCB space are also
minimized by eliminating the bulky coupling capacitor.
11


Similar Part No. - TPA741_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA741D TI-TPA741D Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741DGN TI-TPA741DGN Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_15 Datasheet
994Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results

Similar Description - TPA741_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA731 TI-TPA731_07 Datasheet
724Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_15 Datasheet
994Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_15 Datasheet
745Kb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751 Datasheet
362Kb / 23P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_07 Datasheet
919Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731 Datasheet
343Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731_15 Datasheet
1Mb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com