Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5099 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN5099
Description  Wide Frequency Synchronous Buck PWM AND LDO Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5099 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5099 Datasheet HTML 2Page - Fairchild Semiconductor FAN5099 Datasheet HTML 3Page - Fairchild Semiconductor FAN5099 Datasheet HTML 4Page - Fairchild Semiconductor FAN5099 Datasheet HTML 5Page - Fairchild Semiconductor FAN5099 Datasheet HTML 6Page - Fairchild Semiconductor FAN5099 Datasheet HTML 7Page - Fairchild Semiconductor FAN5099 Datasheet HTML 8Page - Fairchild Semiconductor FAN5099 Datasheet HTML 9Page - Fairchild Semiconductor FAN5099 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5099 Rev. 1.1.3
6
Electrical Characteristics (Continued)
Notes:
4. All limits at operating temperature extremes are guaranteed by design, characterization, and statistical quality control.
5. AC specifications guaranteed by design/characterization (not production tested).
6. For a case when VCC is higher than the typical 5V VCC, voltage observed at VCC pin when the internal shunt regulator
is sinking current to keep voltage on VCC pin constant.
7. Test Conditions: VLDO_IN = 1.5V and VLDO_OUT = 1.2V.
Unless otherwise noted, VCC = 5V, TA = 25°C, using the circuit in Figure 1. The ‘’ denotes that the specifications apply
to the full ambient operating temperature range.(4, 5)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Protection/Disable
ILIM
ILIMIT Source Current
9
10
11
μA
ISWPD
SW Pull-down Current
SW = 1V, EN = 0V
mA
VUV
Under-Voltage Threshold
As % of set point;
2
μS noise filter
65
75
80
%
VOV
Over-Voltage Threshold
As % of set point;
2
μS noise filter
110
115
120
%
Supply Current
TSD
Thermal Shutdown
160
°C
VEN
Enable Threshold Voltage
Enable Condition
2.0
V
Disable Condition
0.8
V
Enable Source Current
VCC = 5V
50
μA
Enable Sink Current
VCC = 5V and fault conditions
(overload, short-circuit,
over-voltage, under-voltage)
10
μA
Low Drop-Out (LDO)(7)
VLDOREF Reference Voltage
(measured at FBLDO pin)
TA = 0°C to 70°C
775
800
825
mV
TA = -40°C to 85°C
770
800
830
mV
Regulation
0A
≤ ILOAD ≤ 5A
1.17
1.20
1.23
V
VLDO_DO Drop-out Voltage
ILOAD ≤ 5A and RDS-ON < 50mΩ
0.3
V
External Gate Drive
VCC = 4.75V
4.5
V
VCC = 5.6V
5.3
V
Gate Drive Source Current
1.2
mA
Gate Drive Sink Current
400
μA


Similar Part No. - FAN5099

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
FAN5099EMTCX FAIRCHILD-FAN5099EMTCX Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
FAN5099EMX FAIRCHILD-FAN5099EMX Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
FAN5099MTCX FAIRCHILD-FAN5099MTCX Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
FAN5099MX FAIRCHILD-FAN5099MX Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
More results

Similar Description - FAN5099

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099_08 Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232_07 Datasheet
387Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232B RICHTEK-RT9232B Datasheet
304Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com