Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20TQ045SPBF Datasheet(PDF) 1 Page - International Rectifier

Part # 20TQ045SPBF
Description  SCHOTTKY RECTIFIER 20 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20TQ045SPBF Datasheet(HTML) 1 Page - International Rectifier

  20TQ045SPBF Datasheet HTML 1Page - International Rectifier 20TQ045SPBF Datasheet HTML 2Page - International Rectifier 20TQ045SPBF Datasheet HTML 3Page - International Rectifier 20TQ045SPBF Datasheet HTML 4Page - International Rectifier 20TQ045SPBF Datasheet HTML 5Page - International Rectifier 20TQ045SPBF Datasheet HTML 6Page - International Rectifier 20TQ045SPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SCHOTTKY RECTIFIER
20 Amp
20TQ...
20TQ...S
Bulletin PD-20241 rev. C 06/06
1
www.irf.com
Major Ratings and Characteristics
I
F(AV) Rectangular
20
A
waveform
V
RRM range
35 / 45
V
I
FSM @ tp = 5 μs sine
1800
A
V
F
@20 Apk, T
J = 125°C
0.51
V
T
J
range
- 55 to 150
°C
Characteristics
Values
Units
The 20TQ Schottky rectifier series has been optimized for
very low forward voltage drop, with moderate leakage. The
proprietary barrier technology allows for reliable operation
up to 150° C junction temperature. Typical applications are
in switching power supplies, converters, free-wheeling di-
odes, and reverse battery protection.
150° C T
J operation
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Description/ Features
IF(AV) = 19Amp
VR = 35/ 45V
Case Styles
20TQ...
TO-220AC
20TQ... S
D2PAK
Anode
1
3
Base
Cathode
2
N/C
Anode
1
3
Cathode
Base
Cathode
2


Similar Part No. - 20TQ045SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20TQ045SPBF VISHAY-20TQ045SPBF Datasheet
120Kb / 6P
   Schottky Rectifier, 20 A
Revision: 17-Jun-08
20TQ045SPBF VISHAY-20TQ045SPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 20 A
Revision: 12-Mar-10
20TQ045SPBF VISHAY-20TQ045SPBF Datasheet
157Kb / 8P
   Schottky Rectifier, 20 A
Revision: 12-Mar-10
More results

Similar Description - 20TQ045SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CTQ035PBF IRF-20CTQ035PBF Datasheet
180Kb / 6P
   SCHOTTKY RECTIFIER 20 Amp
MBRB2080CTPBF IRF-MBRB2080CTPBF Datasheet
256Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
MBR20100CTKPBF IRF-MBR20100CTKPBF Datasheet
141Kb / 6P
   SCHOTTKY RECTIFIER - 20 Amp
MBR2035CT IRF-MBR2035CT Datasheet
173Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
logo
Microsemi Corporation
FST20180 MICROSEMI-FST20180 Datasheet
145Kb / 2P
   20 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
MBRB20100CTG IRF-MBRB20100CTG Datasheet
237Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
logo
Microsemi Corporation
FST2035 MICROSEMI-FST2035 Datasheet
132Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIER
FST2050 MICROSEMI-FST2050 Datasheet
131Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
PJ20C40 ETC1-PJ20C40 Datasheet
131Kb / 3P
   20 AMP SCHOTTKY BARRIER RECTIFIER
logo
Microsemi Corporation
MS2015 MICROSEMI-MS2015 Datasheet
136Kb / 2P
   20 Amp Schottky ORing Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com