Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5486 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 2N5486
Description  N-Channel RF Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5486 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  2N5486 Datasheet HTML 1Page - Fairchild Semiconductor 2N5486 Datasheet HTML 2Page - Fairchild Semiconductor 2N5486 Datasheet HTML 3Page - Fairchild Semiconductor 2N5486 Datasheet HTML 4Page - Fairchild Semiconductor 2N5486 Datasheet HTML 5Page - Fairchild Semiconductor 2N5486 Datasheet HTML 6Page - Fairchild Semiconductor 2N5486 Datasheet HTML 7Page - Fairchild Semiconductor 2N5486 Datasheet HTML 8Page - Fairchild Semiconductor 2N5486 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
5
Noise Voltage vs Frequency
0.01
0.03
0.1
0.3
1
3
10
30
100
1
5
10
f -- FREQUENCY (kHz)
V
= 15V
DG
BW = 6.0 Hz @ f = 10 Hz, 100 Hz
= 0.2 f @ f > 1.0 kHz
I = 0.5 mA
D
I = 3 mA
D
Noise Figure Frequency
10
20
30
50
100
200 300
500
1000
0
1
2
3
4
5
f -- FREQUENCY (MHz)
V
= 15V
DS
I
= 5.0 mA
R
= 1.0 k
T = +25 C
A
O
D
g
Typical Characteristics (continued)
Power Dissipation vs.
Ambient Temperature
0
255075
100
125
150
0
50
100
150
200
250
300
350
TEMPERATURE ( C)
º
SOT-23
TO-92
Capacitance vs Voltage
-20
-15
-10
-5
0
1
5
10
V -- GATE-SOURCE VOLTAGE(V)
GS
C
( V
= 0 V)
C
( V
= 15 V)
DS
DS
is
rs
f = 0.1 - 1.0 MHz
Transconductance vs
Drain Current
0.1
0.5
1
5
10
0.01 0.02
0.05 0.1
0.2
0.5
1
2
5
10
I
- DRAIN CURRENT (mA)
D
V
= - 5V
GS( OFF)
V
= - 1.5V
GS( OFF)
T
= -55 C
O
A
T = +25 C
A
O
T = +125 C
A
O
T
= -55 C
O
A
T = +25 C
A
O
T = +125 C
A
O
V
= 15V
f = 1.0 kHz
DG
N-Channel RF Amplifier
(continued)


Similar Part No. - 2N5486

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5486 ONSEMI-2N5486 Datasheet
278Kb / 8P
   JFET VHF/UHF Amplifiers
1997
logo
New Jersey Semi-Conduct...
2N5486 NJSEMI-2N5486 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
logo
Fairchild Semiconductor
2N5486 FAIRCHILD-2N5486 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
New Jersey Semi-Conduct...
2N5486 NJSEMI-2N5486 Datasheet
82Kb / 1P
   N-CHANNEL JFET
logo
Fairchild Semiconductor
2N5486 FAIRCHILD-2N5486 Datasheet
73Kb / 7P
   N-Channel RF Amplifier
More results

Similar Description - 2N5486

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BF244A FAIRCHILD-BF244A Datasheet
26Kb / 2P
   N-Channel RF Amplifier
2N3819 FAIRCHILD-2N3819_02 Datasheet
33Kb / 3P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102_04 Datasheet
26Kb / 3P
   N-Channel RF Amplifier
J210 FAIRCHILD-J210 Datasheet
199Kb / 5P
   N-Channel RF Amplifier
MMBF102 FAIRCHILD-MMBF102 Datasheet
1Mb / 9P
   N-Channel RF Amplifier
J304 FAIRCHILD-J304 Datasheet
27Kb / 3P
   N-Channel RF Amplifier
J309 FAIRCHILD-J309_10 Datasheet
213Kb / 6P
   N-Channel RF Amplifier
MMBFJ305 FAIRCHILD-MMBFJ305_11 Datasheet
126Kb / 3P
   N-Channel RF Amplifier
2N5484 FAIRCHILD-2N5484_09 Datasheet
362Kb / 7P
   N-Channel RF Amplifier
BF244C FAIRCHILD-BF244C Datasheet
78Kb / 6P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102 Datasheet
22Kb / 3P
   N-Channel RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com