Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5485 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 2N5485
Description  N-Channel RF Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5485 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  2N5485 Datasheet HTML 1Page - Fairchild Semiconductor 2N5485 Datasheet HTML 2Page - Fairchild Semiconductor 2N5485 Datasheet HTML 3Page - Fairchild Semiconductor 2N5485 Datasheet HTML 4Page - Fairchild Semiconductor 2N5485 Datasheet HTML 5Page - Fairchild Semiconductor 2N5485 Datasheet HTML 6Page - Fairchild Semiconductor 2N5485 Datasheet HTML 7Page - Fairchild Semiconductor 2N5485 Datasheet HTML 8Page - Fairchild Semiconductor 2N5485 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
G
D
S
2N5484
2N5485
2N5486
MMBF5484
MMBF5485
MMBF5486
N-Channel RF Amplifier
This device is designed primarily for electronic switching
applications such as low On Resistance analog switching.
Sourced from Process 50.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VDG
Drain-Gate Voltage
25
V
VGS
Gate-Source Voltage
- 25
V
IGF
Forward Gate Current
10
mA
TJ ,Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
G
S
D
TO-92
SOT-23
Mark: 6B / 6M / 6H
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
1997 Fairchild Semiconductor Corporation
NOTE: Source & Drain
are interchangeable
Symbol
Characteristic
Max
Units
2N5484-5486
*MMBF5484-5486
PD
Total Device Dissipation
Derate above 25
°C
350
2.8
225
1.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
125
°C/W
RθJA
Thermal Resistance, Junction to Ambient
357
556
°C/W


Similar Part No. - 2N5485

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5485 FAIRCHILD-2N5485 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
Central Semiconductor C...
2N5485 CENTRAL-2N5485 Datasheet
329Kb / 2P
   SILICON N-CHANNEL JFET
logo
Fairchild Semiconductor
2N5485 FAIRCHILD-2N5485 Datasheet
73Kb / 7P
   N-Channel RF Amplifier
logo
Calogic, LLC
2N5485 CALOGIC-2N5485 Datasheet
23Kb / 2P
   N-Channel JFET High Frequency Amplifier
logo
Micro Electronics
2N5485 MICRO-ELECTRONICS-2N5485 Datasheet
150Kb / 1P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTORS
More results

Similar Description - 2N5485

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BF244A FAIRCHILD-BF244A Datasheet
26Kb / 2P
   N-Channel RF Amplifier
2N3819 FAIRCHILD-2N3819_02 Datasheet
33Kb / 3P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102_04 Datasheet
26Kb / 3P
   N-Channel RF Amplifier
J210 FAIRCHILD-J210 Datasheet
199Kb / 5P
   N-Channel RF Amplifier
MMBF102 FAIRCHILD-MMBF102 Datasheet
1Mb / 9P
   N-Channel RF Amplifier
J304 FAIRCHILD-J304 Datasheet
27Kb / 3P
   N-Channel RF Amplifier
J309 FAIRCHILD-J309_10 Datasheet
213Kb / 6P
   N-Channel RF Amplifier
MMBFJ305 FAIRCHILD-MMBFJ305_11 Datasheet
126Kb / 3P
   N-Channel RF Amplifier
2N5484 FAIRCHILD-2N5484_09 Datasheet
362Kb / 7P
   N-Channel RF Amplifier
BF244C FAIRCHILD-BF244C Datasheet
78Kb / 6P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102 Datasheet
22Kb / 3P
   N-Channel RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com