Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5484 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # 2N5484
Description  N-Channel RF Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5484 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button 2N5484_00 Datasheet HTML 6Page - Fairchild Semiconductor 2N5484_00 Datasheet HTML 7Page - Fairchild Semiconductor 2N5484_00 Datasheet HTML 8Page - Fairchild Semiconductor 2N5484_00 Datasheet HTML 9Page - Fairchild Semiconductor 2N5484_00 Datasheet HTML 10Page - Fairchild Semiconductor 2N5484_00 Datasheet HTML 11Page - Fairchild Semiconductor 2N5484_00 Datasheet HTML 12Page - Fairchild Semiconductor 2N5484_00 Datasheet HTML 13Page - Fairchild Semiconductor 2N5484_00 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SOT-23 Packaging
Configuration: Figure 1.0
Components
Leader Tape
500mm minimum or
125 empty pockets
Trailer Tape
300mm minimum or
75 empt y poc kets
SOT-23 Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
PackagingOption
SOT-23 PackagingInformation
Standard
(no flow code)
D87Z
Packagingtype
Reel Size
TNR
7" Dia
TNR
13"
Qty per Reel/Tube/Bag
3,000
10,000
Box Dimension (mm)
187x107x183
343x343x64
Max qty per Box
24,000
30,000
Weight per unit (gm)
0.0082
0.0082
Weight per Reel (kg)
0.1175
0.4006
H uman readable
Label
Human Readable Label
Human Readable Label sample
343mm x 342mm x 64mm
Intermediate box for L87Z Option
187mm x 107mm x 183mm
Intermediate Box for Standard Option
SOT-23 Unit Orientation
3P
3P
3P
3P
Human Readable
Label
Customized Label
Embossed
Carrier Tape
Antistatic Cover Tape
Packaging Description:
SOT-23
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
3,000 units per 7" or 177cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 10,000 units per 13"
or 330cm diameter reel. This and some other options are
described in the Packaging Information table.
These full reels are individually labeled and placed inside
a standard intermediate made of recyclable corrugated
brown paper with a Fairchil d logo printing. One pizza box
contains eight reels maximum. And these intermediate
boxes are placed inside a labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
parts are shipped in tape. The carrier tape is
SOT-23 Tape and Reel Data
September 1999, Rev. C
©2000 Fairchild Semiconductor International


Similar Part No. - 2N5484_00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
logo
Fairchild Semiconductor
2N5484 FAIRCHILD-2N5484_09 Datasheet
362Kb / 7P
   N-Channel RF Amplifier
More results

Similar Description - 2N5484_00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BF244A FAIRCHILD-BF244A Datasheet
26Kb / 2P
   N-Channel RF Amplifier
2N3819 FAIRCHILD-2N3819_02 Datasheet
33Kb / 3P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102_04 Datasheet
26Kb / 3P
   N-Channel RF Amplifier
J210 FAIRCHILD-J210 Datasheet
199Kb / 5P
   N-Channel RF Amplifier
MMBF102 FAIRCHILD-MMBF102 Datasheet
1Mb / 9P
   N-Channel RF Amplifier
J304 FAIRCHILD-J304 Datasheet
27Kb / 3P
   N-Channel RF Amplifier
J309 FAIRCHILD-J309_10 Datasheet
213Kb / 6P
   N-Channel RF Amplifier
MMBFJ305 FAIRCHILD-MMBFJ305_11 Datasheet
126Kb / 3P
   N-Channel RF Amplifier
2N5484 FAIRCHILD-2N5484_09 Datasheet
362Kb / 7P
   N-Channel RF Amplifier
BF244C FAIRCHILD-BF244C Datasheet
78Kb / 6P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102 Datasheet
22Kb / 3P
   N-Channel RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com